Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25F10 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 25F10
Description  Standard Recovery Diodes(Stud Version), 25 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25F10 Datasheet(HTML) 5 Page - Vishay Siliconix

  25F10 Datasheet HTML 1Page - Vishay Siliconix 25F10 Datasheet HTML 2Page - Vishay Siliconix 25F10 Datasheet HTML 3Page - Vishay Siliconix 25F10 Datasheet HTML 4Page - Vishay Siliconix 25F10 Datasheet HTML 5Page - Vishay Siliconix 25F10 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93506
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
5
25F(R) Series
Standard Recovery Diodes
(Stud Version), 25 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating: Code = IF(AV)
2
-
F = Standard device
3
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
-
None = Stud base DO-203AA (DO-4) 10-32UNF-2A
M = Stud base DO-203AA (DO-4) M5 X 0.8
(not available for avalanche diodes)
Device code
5
13
24
25
F
R
120
M
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95311


Similar Part No. - 25F10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25F10 IRF-25F10 Datasheet
80Kb / 6P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
25F10 NAINA-25F10 Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
International Rectifier
25F100 IRF-25F100 Datasheet
80Kb / 6P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
25F100 NAINA-25F100 Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
International Rectifier
25F100M IRF-25F100M Datasheet
80Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 25F10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
VS-25FR100 VISHAY-VS-25FR100 Datasheet
148Kb / 6P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 28-Jan-14
VS-25F120 VISHAY-VS-25F120 Datasheet
149Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 09-Apr-13
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com