Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25CTQ035-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 25CTQ035-1
Description  Schottky Rectifier, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25CTQ035-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  25CTQ035-1 Datasheet HTML 1Page - Vishay Siliconix 25CTQ035-1 Datasheet HTML 2Page - Vishay Siliconix 25CTQ035-1 Datasheet HTML 3Page - Vishay Siliconix 25CTQ035-1 Datasheet HTML 4Page - Vishay Siliconix 25CTQ035-1 Datasheet HTML 5Page - Vishay Siliconix 25CTQ035-1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93956
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
1
Schottky Rectifier, 2 x 15 A
25CTQ...S/25CTQ...-1
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap TO-220 package
• Very low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
The 25CTQ... center tap Schottky rectifier series has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 15 A
VR
35 to 45 V
25CTQ...S
Base
common
cathode
D2PAK
TO-262
25CTQ...-1
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
30
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 µs sine
990
A
VF
15 Apk, TJ = 125 °C (per leg)
0.50
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
25CTQ035S
25CTQ035-1
25CTQ040S
25CTQ040-1
25CTQ045S
25CTQ045-1
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 102 °C, rectangular waveform
30
A
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
990
10 ms sine or 6 ms rect. pulse
250
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 3 A, L = 4.40 mH
20
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3A


Similar Part No. - 25CTQ035-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25CTQ035-1 IRF-25CTQ035-1 Datasheet
206Kb / 8P
   SCHOTTKY RECTIFIER
25CTQ035-1 IRF-25CTQ035-1 Datasheet
245Kb / 8P
   SCHOTTKY RECTIFIER 30 Amp
25CTQ035-1PBF IRF-25CTQ035-1PBF Datasheet
245Kb / 8P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
25CTQ035-1PBF VISHAY-25CTQ035-1PBF Datasheet
137Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
25CTQ035-1PBF VISHAY-25CTQ035-1PBF Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
More results

Similar Description - 25CTQ035-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com