Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL202124152E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL202124152E3
Description  Aluminum Capacitors Axial Standard Miniature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL202124152E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL202124152E3 Datasheet HTML 1Page - Vishay Siliconix MAL202124152E3 Datasheet HTML 2Page - Vishay Siliconix MAL202124152E3 Datasheet HTML 3Page - Vishay Siliconix MAL202124152E3 Datasheet HTML 4Page - Vishay Siliconix MAL202124152E3 Datasheet HTML 5Page - Vishay Siliconix MAL202124152E3 Datasheet HTML 6Page - Vishay Siliconix MAL202124152E3 Datasheet HTML 7Page - Vishay Siliconix MAL202124152E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 28325
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 08-Apr-08
177
021 ASM
Aluminum Capacitors
Axial Standard Miniature
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR xUR +4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR xUR +4 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L mm:
4.5 x 10
typ. 10 nH
-
6 x 10
typ. 22 nH
-
8 x 11
typ. 85 nH
-
6.5 x 18
typ. 25 nH
-
8 x 18
typ. 40 nH
-
10 x 18
typ. 61 nH
-
10 x 25
typ. 38 nH
-
10 x 30
typ. 38 nH
-
12.5 x 30
typ. 46 nH
-
15 x 30
typ. 48 nH
typ. 39 nH
18 x 30
typ. 50 nH
typ. 39 nH
18 x 38
typ. 54 nH
typ. 39 nH
21 x 38
typ. 59 nH
typ. 39 nH
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
CCC205
lifetime multiplier
(1)
IA
IR
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple current at 100 Hz, 85 °C
(1) Useful life at 85 °C and I
R applied:
Case Ø D x L = 4.5 x 10 to 10 x 25 mm: 2500 hours
Case Ø D x L = 10 x 30 to 21 x 38 mm: 8000 hours
Fig.6 Multiplier of useful life as a function of ambient temperature and ripple current load
T
amb (°C)


Similar Part No. - MAL202124152E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL202124152E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com