Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25TTS12PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 25TTS12PBF
Description  Phase Control SCR, 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25TTS12PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  25TTS12PBF Datasheet HTML 1Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 2Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 3Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 4Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 5Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 6Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93702
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Jun-08
1
Phase Control SCR, 25 A
25TTS... High Voltage Series
Vishay High Power Products
DESCRIPTION/FEATURES
The 25TTS... High Voltage Series of silicon controlled
rectifiers are specifically designed for medium power
switching and phase control applications. The glass
passivation technology used has reliable operation up to
125 °C junction temperature.
Typical applications are in input rectification (soft start) and
these products are designed to be used with Vishay HPP
input diodes, switches and output rectifiers which are
available in identical package outlines.
This product has been designed and qualified for industrial
level.
PRODUCT SUMMARY
VT at 16 A
< 1.25 V
ITSM
300 A
VRRM
800/1200 V
(G) 3
2
(A)
1 (K)
TO-220AB
OUTPUT CURRENT IN TYPICAL APPLICATIONS
APPLICATIONS
SINGLE-PHASE BRIDGE
THREE-PHASE BRIDGE
UNITS
Capacitive input filter TA = 55 °C, TJ = 125 °C,
common heatsink of 1 °C/W
18
22
A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
Sinusoidal waveform
16
A
IRMS
25
VRRM/VDRM
800/1200
V
ITSM
300
A
VT
16 A, TJ = 25 °C
1.25
V
dV/dt
500
V/µs
dI/dt
150
A/µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM PEAK
DIRECT VOLTAGE
V
IRRM/IDRM
AT 125 °C
mA
25TTS08
800
800
10
25TTS12
1200
1200


Similar Part No. - 25TTS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTS12PBF VISHAY-25TTS12PBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
25TTS12PBF VISHAY-25TTS12PBF Datasheet
150Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 06-Aug-08
logo
International Rectifier
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
More results

Similar Description - 25TTS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 18-Jun-13
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 04-Jun-2018
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
204Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS0812-M3 VISHAY-VS-25TTS0812-M3 Datasheet
201Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 21-Aug-17
25TTSFPPBF VISHAY-25TTSFPPBF Datasheet
582Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 27-May-08
25TTSFP VISHAY-25TTSFP Datasheet
143Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 20-Jun-08
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com