Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL1206LFTG18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL1206LFTG18
Description  Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL1206LFTG18 Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL1206LFTG18 Datasheet HTML 1Page - Vishay Siliconix WSL1206LFTG18 Datasheet HTML 2Page - Vishay Siliconix WSL1206LFTG18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - WSL1206LFTG18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL1206LFTG VISHAY-WSL1206LFTG Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL1206LFTG VISHAY-WSL1206LFTG Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
More results

Similar Description - WSL1206LFTG18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com