Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36DX263G030BC2A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 36DX263G030BC2A
Description  Aluminum Capacitors Powerlytic®, Large Can
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DX263G030BC2A Datasheet(HTML) 5 Page - Vishay Siliconix

  36DX263G030BC2A Datasheet HTML 1Page - Vishay Siliconix 36DX263G030BC2A Datasheet HTML 2Page - Vishay Siliconix 36DX263G030BC2A Datasheet HTML 3Page - Vishay Siliconix 36DX263G030BC2A Datasheet HTML 4Page - Vishay Siliconix 36DX263G030BC2A Datasheet HTML 5Page - Vishay Siliconix 36DX263G030BC2A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 42066
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 27-Aug-08
247
36D, 36DE, 36DX
Aluminum Capacitors
Powerlytic®, Large Can
Vishay Sprague
Note
(1) This is representative of normally stocked ratings. Many other ratings are available.
Check your nearest stocking distributor. Additional Part Numbers normally found in distribution inventory include:
30 WVDC at + 85 °C, SURGE = 40 V
4000.0 (1)
AA
36DX402G030AA2A
8000.0 (1)
AB
36DX802G030AB2A
18 000.0 (1)
AF
36DX183G030AF2A
26 000.0
BC
36DX263G030BC2A
40 WVDC at + 85 °C, SURGE = 50 V
2900.0 (1)
AA
36DX292G040AA2A
5800.0 (1)
AB
36DX582G040AB2A
8700.0 (1)
AC
36DX872G040AC2A
20 000.0 (1)
BC
36DX203G040BC2A
34 000.0 (1)
CC
36DX343G040CC2A
50 WVDC at + 85 °C, SURGE = 65 V
2400.0 (1)
AA
36DX242G050AA2A
4800.0 (1)
AB
36DX482G050AB2A
7200.0 (1)
AC
36DX722G050AC2A
11 000.0
AF
36DX113G050AF2A
16 000.0 (1)
BC
36DX163G050BC2A
24 000.0 (1)
BF
36DX243G050BF2A
40 000.0 (1)
CF
36DX403G050CF2A
41 000.0 (1)
DC
36DX413G050DC2A
75 WVDC at + 85 °C, SURGE = 95 V
1400.0 (1)
AA
36DX142G075AA2A
10 000.0 (1)
BC
36DX103G075BC2A
17 000.0 (1)
CC
36DX173G075CC2A
36D103G075CC2A
36D231G013BB2A
36D902G050BC2A
36DX332F350DF2A
36D123G040BC2A
36D262G050AB2A
36DX103F250DJ2A
36DX352F450DJ2A
36D133G015AC2A
36D392G050AC2A
36DX172G100AB2A
36DX372F350DF2A
36D153G050CC2A
36D392G075BB2A
36DX203G025AF2A
36DX422G075AC2A
36D191F350AB2A
36D602G050BB2A
36DX312F450DJ2A
ELECTRICAL DATA (Original/improved ratings)
CAPACITANCE (µF)
CASE CODE
PART NUMBER


Similar Part No. - 36DX263G030BC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 18-Mar-13
More results

Similar Description - 36DX263G030BC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 18-Mar-13
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com