Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22RIA60MS90 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 22RIA60MS90
Description  Medium Power Thyristors (Stud Version), 22 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

22RIA60MS90 Datasheet(HTML) 2 Page - Vishay Siliconix

  22RIA60MS90 Datasheet HTML 1Page - Vishay Siliconix 22RIA60MS90 Datasheet HTML 2Page - Vishay Siliconix 22RIA60MS90 Datasheet HTML 3Page - Vishay Siliconix 22RIA60MS90 Datasheet HTML 4Page - Vishay Siliconix 22RIA60MS90 Datasheet HTML 5Page - Vishay Siliconix 22RIA60MS90 Datasheet HTML 6Page - Vishay Siliconix 22RIA60MS90 Datasheet HTML 7Page - Vishay Siliconix 22RIA60MS90 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93700
2
Revision: 19-Sep-08
22RIA Series
Vishay High Power Products Medium Power Thyristors
(Stud Version), 22 A
ELECTRICAL SPECIFICATIONS
Notes
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20 A/µs
(2) For voltage pulses with tp ≤ 5 ms
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE (1)
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE (2)
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
22RIA
10
100
150
20
20
200
300
10
40
400
500
60
600
700
80
800
900
100
1000
1100
120
1200
1300
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° sinusoidal conduction
22
A
85
°C
Maximum RMS on-state current
IT(RMS)
35
A
Maximum peak, one-cycle
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial TJ =
TJ maximum
400
A
t = 8.3 ms
420
t = 10 ms
100 % VRRM
reapplied
335
t = 8.3 ms
355
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
793
A2s
t = 8.3 ms
724
t = 10 ms
100 % VRRM
reapplied
560
t = 8.3 ms
515
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied,
TJ = TJ maximum
7930
A2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)),
TJ = TJ maximum
0.83
V
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
0.95
Low level value of
on-state slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)),
TJ = TJ maximum
14.9
m
Ω
High level value of
on-state slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
13.4
Maximum on-state voltage
VTM
Ipk = 70 A, TJ = 25 °C
1.70
V
Maximum holding current
IH
TJ = 25 °C, anode supply 6 V, resistive load
130
mA
Latching current
IL
200


Similar Part No. - 22RIA60MS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
22RIA60MS90 IRF-22RIA60MS90 Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 22RIA60MS90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
16RIA VISHAY-16RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com