Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL203853103E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL203853103E3
Description  Aluminum Capacitors Radial Standard Ultra Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203853103E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL203853103E3 Datasheet HTML 1Page - Vishay Siliconix MAL203853103E3 Datasheet HTML 2Page - Vishay Siliconix MAL203853103E3 Datasheet HTML 3Page - Vishay Siliconix MAL203853103E3 Datasheet HTML 4Page - Vishay Siliconix MAL203853103E3 Datasheet HTML 5Page - Vishay Siliconix MAL203853103E3 Datasheet HTML 6Page - Vishay Siliconix MAL203853103E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 28309
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-May-08
91
038 RSU
Aluminum Capacitors
Radial Standard Ultra Miniature
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 038 series
470 µF/25 V; ± 20 %
Nominal case size: Ø 10 x 12 mm; Form TFA
Ordering Code: MAL203836471E3
Former 12NC: 2222 038 36471
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 85 ºC
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 ºC
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
ORDERING CODE MAL2038 .......
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)
6.3
220
5 x 11
200
14
0.23
53221E3
2.0
-
-
33221E3
5.0
73221E3
2.5
330
6.3 x 11
270
21
0.23
53331E3
2.5
-
-
33331E3
5.0
73331E3
2.5
470
6.3 x 11
320
30
0.23
53471E3
2.5
-
-
33471E3
5.0
73471E3
2.5
1000
8 x 11.5
540
63
0.23
53102E3
3.5
-
-
33102E3
5.0
73102E3
3.5
2200
10 x 16
785
139
0.25
53222E3
5.0
63222E3
5.0
33222E3
5.0
-
-
3300
10 x 20
1185
208
0.27
53332E3
5.0
63332E3
5.0
33332E3
5.0
-
-
4700
13 x 20
1545
296
0.29
53472E3
5.0
63472E3
5.0
33472E3
5.0
-
-
6800
13 x 25
1880
428
0.33
53682E3
5.0
63682E3
5.0
33682E3
5.0
-
-
10 000
16 x 25
2330
630
0.41
53103E3
7.5
63103E3
7.5
33103E3
7.5
-
-
22 000
18 x 40
3320
1386
0.65
53223E3
7.5
63223E3
7.5
-
-
-
-
10
100
5 x 11
145
10
0.20
54101E3
2.0
-
-
34101E3
5.0
74101E3
2.5
220
5 x 11
160
22
0.20
54221E3
2.0
-
-
34221E3
5.0
74221E3
2.5
330
6.3 x 11
290
33
0.20
54331E3
2.5
-
-
34331E3
5.0
74331E3
2.5
470
6.3 x 11
350
47
0.20
54471E3
2.5
-
-
34471E3
5.0
74471E3
2.5
1000
10 x 12
650
100
0.20
54102E3
5.0
64102E3
5.0
34102E3
5.0
-
-
2200
10 x 20
1070
220
0.22
54222E3
5.0
64222E3
5.0
34222E3
5.0
-
-
3300
13 x 20
1420
330
0.24
54332E3
5.0
64332E3
5.0
34332E3
5.0
-
-
4700
13 x 25
1780
470
0.26
54472E3
5.0
64472E3
5.0
34472E3
5.0
-
-
6800
16 x 25
2220
680
0.30
54682E3
7.5
64682E3
7.5
34682E3
7.5
-
-
10 000
16 x 35
2760
1000
0.38
54103E3
7.5
64103E3
7.5
-
-
-
-
16
100
5 x 11
160
16
0.16
55101E3
2.0
-
-
35101E3
5.0
75101E3
2.5
220
6.3 x 11
260
35
0.16
55221E3
2.5
-
-
35221E3
5.0
75221E3
2.5
330
8 x 11.5
370
53
0.16
55331E3
3.5
-
-
35331E3
5.0
75331E3
3.5
470
8 x 11.5
440
75
0.16
55471E3
3.5
-
-
35471E3
5.0
75471E3
3.5
1000
10 x 16
785
160
0.16
55102E3
5.0
65102E3
5.0
35102E3
5.0
-
-
2200
13 x 20
1295
352
0.18
55222E3
5.0
65222E3
5.0
35222E3
5.0
-
-
3300
13 x 25
1655
528
0.20
55332E3
5.0
65332E3
5.0
35332E3
5.0
-
-
4700
16 x 25
2090
752
0.22
55472E3
7.5
65472E3
7.5
35472E3
7.5
-
-
6800
16 x 31
2520
1088
0.26
55682E3
7.5
65682E3
7.5
35682E3
7.5
-
-
10 000
18 x 35
2920
1600
0.34
55103E3
7.5
65103E3
7.5
-
-
-
-
25
100
6.3 x 11
190
25
0.14
56101E3
2.5
-
-
36101E3
5.0
76101E3
2.5
220
8 x 11.5
320
55
0.14
56221E3
3.5
-
-
36221E3
5.0
76221E3
3.5
330
8 x 11.5
440
83
0.14
56331E3
3.5
-
-
36331E3
5.0
76331E3
3.5
470
10 x 12
545
118
0.14
56471E3
5.0
66471E3
5.0
36471E3
5.0
-
-
1000
10 x 20
955
250
0.14
56102E3
5.0
66102E3
5.0
36102E3
5.0
-
-
2200
13 x 25
1540
550
0.16
56222E3
5.0
66222E3
5.0
36222E3
5.0
-
-
3300
16 x 25
1975
825
0.18
56332E3
7.5
66332E3
7.5
36332E3
7.5
-
-
4700
16 x 31
2420
1175
0.20
56472E3
7.5
66472E3
7.5
36472E3
7.5
-
-
6800
18 x 35
2880
1700
0.24
56682E3
7.5
66682E3
7.5
-
-
-
-


Similar Part No. - MAL203853103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203023109E3 VISHAY-MAL203023109E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023151E3 VISHAY-MAL203023151E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023689E3 VISHAY-MAL203023689E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024101E3 VISHAY-MAL203024101E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024479E3 VISHAY-MAL203024479E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
More results

Similar Description - MAL203853103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com