Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21TT100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 21TT100
Description  High Performance Schottky Generation 5.0, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

21TT100 Datasheet(HTML) 1 Page - Vishay Siliconix

  21TT100 Datasheet HTML 1Page - Vishay Siliconix 21TT100 Datasheet HTML 2Page - Vishay Siliconix 21TT100 Datasheet HTML 3Page - Vishay Siliconix 21TT100 Datasheet HTML 4Page - Vishay Siliconix 21TT100 Datasheet HTML 5Page - Vishay Siliconix 21TT100 Datasheet HTML 6Page - Vishay Siliconix 21TT100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94404
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Sep-08
1
High Performance
Schottky Generation 5.0, 20 A
21TT100
Vishay High Power Products
FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Full lead (Pb)-free and RoHS compliant devices
• Designed and qualified for industrial level
APPLICATIONS
• High efficiency SMPS
• Automotive
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• Dc-to-dc systems
• Increased power density systems
PRODUCT SUMMARY
IF(AV)
20 A
VR
100 V
VF at 20 A at 125 °C
0.68 V
TO-220AB
Cathode to
base 2
Anode 1
Anode 3
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
100
V
VF
20 Apk, TJ = 125 °C (typical, per leg)
0.65
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
21TT100
UNITS
Maximum DC reverse voltage
VR
TJ = 25 °C
100
V
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TC = 142 °C, rectangular waveform
20
A
Maximum peak one cycle
non-repetitive surge current
at TJ = 175 °C
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
660
10 ms sine or 6 ms rect. pulse
220
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1.5 A, L = 60 mH
67.5
mJ
Repetitive avalanche current
IAR
Limited by frequency of operation and time pulse duration so
that TJ < TJ max. IAS at TJ max. as a function of time pulse
See fig. 8
IAS at
TJ max.
A


Similar Part No. - 21TT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21TT100 VISHAY-21TT100 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
More results

Similar Description - 21TT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
20TT100 VISHAY-20TT100_12 Datasheet
143Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20UT04 VISHAY-20UT04_12 Datasheet
135Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 03-Nov-11
20UT04 VISHAY-20UT04 Datasheet
154Kb / 9P
   High Performance Schottky Generation 5.0, 20 A
Revision: 04-Jan-11
20TT100 VISHAY-20TT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com