Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36DA272F063AN2A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 36DA272F063AN2A
Description  Aluminum Capacitors 85 °C and 95 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DA272F063AN2A Datasheet(HTML) 1 Page - Vishay Siliconix

  36DA272F063AN2A Datasheet HTML 1Page - Vishay Siliconix 36DA272F063AN2A Datasheet HTML 2Page - Vishay Siliconix 36DA272F063AN2A Datasheet HTML 3Page - Vishay Siliconix 36DA272F063AN2A Datasheet HTML 4Page - Vishay Siliconix 36DA272F063AN2A Datasheet HTML 5Page - Vishay Siliconix 36DA272F063AN2A Datasheet HTML 6Page - Vishay Siliconix 36DA272F063AN2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 42067
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 29-Aug-08
247
Aluminum Capacitors
+ 85 °C and + 95 °C, Large Can
36DA
Vishay Sprague
FEATURES
• The industry standard for large can aluminum
capacitors
• Ideal for high wattage power supplies and
energy storage applications
• Largest Capacitance available
• Highest voltage available
• Metric threads and stud mount versions included
• Replaces Type 36DY
Fig. 1 Component Outlines
Available
Pb-free
RoHS*
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in inches (mm)
1.375 x 1.625 (35.0 x 41.2)
to 3.000 x 8.675 (76.2 x 220.3)
Operating temperature
- 40 °C to + 95 °C: 6.3 WVDC to
100 WVDC; - 40 °C to + 85 °C;
125 WVDC to 500 WVDC
Rated capacitance range, CR
100 µF to 2.2 µF
Tolerance on CR
- 10 % to 50 %
Rated voltage range, UR
6.3 WVDC to 500 WVDC
Termination
Screw insert or solderable
terminals
Life validation test
at 85 °C
2000 h:
ΔCAP ≤ 15 % from
initial measurement
ΔESR ≤ 1.5 x initial specified
limit
Shelf life at 85 °C
500 h:
ΔCAP ≤ 15 %
from initial measurement
ΔESR ≤ 1.2 x initial
specified limit
DC leakage current
5 min charge time
I = K
K = 4.0 at + 25 °C; 32.0 at + 85 °C
I in µA, C in µF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 85 °C
1.0
+ 75 °C
1.4
+ 65 °C
1.7
+ 55 °C and below
2.0
FREQUENCY (Hz)
RATED WVDC
120
400
1000 AND UP
0 to 50
1.0
1.05
1.10
51 to 100
1.0
1.10
1.15
150 to 300
1.0
1.15
1.25
301 to 500
1.0
1.20
1.30
DIMENSIONS in inches (millimeters)
LARGE CAN CAPACITORS
CASE
CODE
NOMINAL
WITH INSULATING SLEEVE
TERMINAL
SPACING
M ± 0.016 (0.4)
TYPICAL
WEIGHT
(g)
D
± 0.032 (0.8)
L
± 0.063 (1.6)
D
(Max.)
L
(Max.)
(P TERMINAL)
H (Max.)
AN
1.375 (35.0)
1.625 (41.0)
1.453 (36.9)
1.750 (44.5)
1.849 (47.0)
0.500 (12.7)
43.0
AY
1.375 (35.0)
1.875 (48.0)
1.453 (36.9)
2.000 (50.8)
1.099 (53.3)
0.500 (12.7)
54.0
AA
1.375 (35.0)
2.125 (54.0)
1.453 (36.9)
2.250 (57.2)
1.349 (59.7)
0.500 (12.7)
63.0
AM
1.375 (35.0)
2.625 (67.0)
1.453 (36.9)
2.750 (69.9)
1.849 (72.4)
0.500 (12.7)
82.0
Note
• To ensure delivery of lead (Pb)-free RoHS compliant parts during the transition period please contact your Vishay Sales office
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 36DA272F063AN2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36D VISHAY-36D Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D132G050AA2A VISHAY-36D132G050AA2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D272G025AA2A VISHAY-36D272G025AA2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D522G050AE2A VISHAY-36D522G050AE2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D552G025AB2A VISHAY-36D552G025AB2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
More results

Similar Description - 36DA272F063AN2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com