Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36DA682F050AA2A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 36DA682F050AA2A
Description  Aluminum Capacitors 85 °C and 95 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DA682F050AA2A Datasheet(HTML) 2 Page - Vishay Siliconix

  36DA682F050AA2A Datasheet HTML 1Page - Vishay Siliconix 36DA682F050AA2A Datasheet HTML 2Page - Vishay Siliconix 36DA682F050AA2A Datasheet HTML 3Page - Vishay Siliconix 36DA682F050AA2A Datasheet HTML 4Page - Vishay Siliconix 36DA682F050AA2A Datasheet HTML 5Page - Vishay Siliconix 36DA682F050AA2A Datasheet HTML 6Page - Vishay Siliconix 36DA682F050AA2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
36DA
Vishay Sprague
Aluminum Capacitors
+ 85 °C and + 95 °C, Large Can
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42067
248
Revision: 29-Aug-08
AB
1.375 (35.0)
3.125 (79.0)
1.453 (36.9)
3.250 (82.6)
1.349 (85.1)
0.500 (12.7)
105.0
AL
1.375 (35.0)
3.625 (92.0)
1.453 (36.9)
3.750 (95.3)
1.849 (97.8)
0.500 (12.7)
122.0
AC
1.375 (35.0)
4.125 (105.0)
1.453 (36.9)
4.250 (108.0)
1.349 (110.5)
0.500 (12.7)
129.0
AD
1.375 (35.0)
4.625 (117.0)
1.453 (36.9)
4.750 (120.7)
1.849 (123.2)
0.500 (12.7)
162.0
AE
1.375 (35.0)
5.125 (130.0)
1.453 (36.9)
5.250 (133.4)
1.349 (125.9)
0.500 (12.7)
179.0
AF
1.375 (35.0)
5.625 (143.0)
1.453 (36.9)
5.750 (146.1)
1.849 (148.6)
0.500 (12.7)
201.0
EN
1.750 (44.0)
1.625 (41.0)
1.828 (46.4)
1.750 (44.5)
1.849 (47.0)
0.750 (19.1)
71.0
EY
1.750 (44.0)
1.875 (48.0)
1.828 (46.4)
2.000 (50.8)
2.099 (53.3)
0.750 (19.1)
88.0
EA
1.750 (44.0)
2.125 (54.0)
1.828 (46.4)
2.250 (57.2)
2.349 (59.7)
0.750 (19.1)
102.0
EM
1.750 (44.0)
2.625 (67.0)
1.828 (46.4)
2.750 (69.9)
2.849 (72.4)
0.750 (19.1)
133.0
EB
1.750 (44.0)
3.125 (79.0)
1.828 (46.4)
3.250 (82.6)
3.349 (85.1)
0.750 (19.1)
167.0
EL
1.750 (44.0)
3.625 (92.0)
1.828 (46.4)
3.750 (95.3)
3.849 (97.8)
0.750 (19.1)
198.0
EC
1.750 (44.0)
4.125 (105.0)
1.828 (46.4)
4.250 (108.0)
4.349 (110.5)
0.750 (19.1)
230.0
ED
1.750 (44.0)
4.625 (117.0)
1.828 (46.4)
4.750 (120.7)
4.849 (123.2)
0.750 (19.1)
252.0
EE
1.750 (44.0)
5.125 (130.0)
1.828 (46.4)
5.250 (133.4)
5.349 (135.9)
0.750 (19.1)
269.0
EF
1.750 (44.0)
5.625 (143.0)
1.828 (46.4)
5.750 (146.1)
5.849 (148.6)
0.750 (19.1)
318.0
BY
2.000 (51.0)
1.875 (48.0)
2.078 (52.8)
2.000 (50.8)
2.099 (53.3)
0.875 (22.2)
113.0
BA
2.000 (51.0)
2.125 (54.0)
2.078 (52.8)
2.250 (57.2)
2.349 (59.7)
0.875 (22.2)
133.0
BM
2.000 (51.0)
2.625 (67.0)
2.078 (52.8)
2.750 (69.9)
2.849 (72.4)
0.875 (22.2)
176.0
BB
2.000 (51.0)
3.125 (79.0)
2.078 (52.8)
3.250 (82.6)
3.349 (85.1)
0.875 (22.2)
213.0
BL
2.000 (51.0)
3.625 (92.0)
2.078 (52.8)
3.750 (95.3)
3.849 (97.8)
0.875 (22.2)
261.0
BC
2.000 (51.0)
4.125 (105.0)
2.078 (52.8)
4.250 (108.0)
4.349 (110.5)
0.875 (22.2)
381.0
BD
2.000 (51.0)
4.625 (117.0)
2.078 (52.8)
4.750 (120.7)
4.849 (123.2)
0.875 (22.2)
326.0
BE
2.000 (51.0)
5.125 (130.0)
2.078 (52.8)
5.250 (133.4)
5.349 (135.9)
0.875 (22.2)
337.0
BF
2.000 (51.0)
5.625 (143.0)
2.078 (52.8)
5.750 (146.1)
5.849 (148.6)
0.875 (22.2)
408.0
CB
2.500 (64.0)
3.125 (79.0)
2.578 (65.5)
3.250 (82.6)
N/A
1.125 (28.6)
329.0
CL
2.500 (64.0)
3.625 (92.0)
2.578 (65.5)
3.750 (95.3)
N/A
1.125 (28.6)
400.0
CC
2.500 (64.0)
4.125 (105.0)
2.578 (65.5)
4.250 (108.0)
N/A
1.125 (28.6)
473.0
CD
2.500 (64.0)
4.625 (117.0)
2.578 (65.5)
4.750 (120.7)
N/A
1.125 (28.6)
562.0
CE
2.500 (64.0)
5.125 (130.0)
2.578 (65.5)
5.250 (133.4)
N/A
1.125 (28.6)
607.0
CF
2.500 (64.0)
5.625 (143.0)
2.578 (65.5)
5.750 (146.1)
N/A
1.125 (28.6)
675.0
DB
3.000 (76.0)
3.125 (79.0)
3.078 (78.2)
3.250 (82.6)
N/A
1.250 (31.8)
496.0
DL
3.000 (76.0)
3.625 (92.0)
3.078 (78.2)
3.750 (95.3)
N/A
1.250 (31.8)
598.0
DC
3.000 (76.0)
4.125 (105.0)
3.078 (78.2)
4.250 (108.0)
N/A
1.250 (31.8)
700.0
DD
3.000 (76.0)
4.625 (117.0)
3.078 (78.2)
4.750 (120.7)
N/A
1.250 (31.8)
802.0
DE
3.000 (76.0)
5.125 (130.0)
3.078 (78.2)
5.250 (133.4)
N/A
1.250 (31.8)
944.0
DF
3.000 (76.0)
5.625 (143.0)
3.078 (78.2)
5.750 (146.1)
N/A
1.250 (31.8)
1004.0
DJ
3.000 (76.0)
8.625 (219.0)
3.078 (78.2)
8.750 (222.3)
N/A
1.250 (31.8)
1403.0
DIMENSIONS in inches (millimeters)
LARGE CAN CAPACITORS
CASE
CODE
NOMINAL
WITH INSULATING SLEEVE
TERMINAL
SPACING
M ± 0.016 (0.4)
TYPICAL
WEIGHT
(g)
D
± 0.032 (0.8)
L
± 0.063 (1.6)
D
(Max.)
L
(Max.)
(P TERMINAL)
H (Max.)


Similar Part No. - 36DA682F050AA2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36D VISHAY-36D Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D132G050AA2A VISHAY-36D132G050AA2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D272G025AA2A VISHAY-36D272G025AA2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D522G050AE2A VISHAY-36D522G050AE2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D552G025AB2A VISHAY-36D552G025AB2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
More results

Similar Description - 36DA682F050AA2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com