Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36DA822F025AN2A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 36DA822F025AN2A
Description  Aluminum Capacitors 85 °C and 95 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DA822F025AN2A Datasheet(HTML) 3 Page - Vishay Siliconix

  36DA822F025AN2A Datasheet HTML 1Page - Vishay Siliconix 36DA822F025AN2A Datasheet HTML 2Page - Vishay Siliconix 36DA822F025AN2A Datasheet HTML 3Page - Vishay Siliconix 36DA822F025AN2A Datasheet HTML 4Page - Vishay Siliconix 36DA822F025AN2A Datasheet HTML 5Page - Vishay Siliconix 36DA822F025AN2A Datasheet HTML 6Page - Vishay Siliconix 36DA822F025AN2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 42067
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 29-Aug-08
249
36DA
Aluminum Capacitors
+ 85 °C and + 95 °C, Large Can
Vishay Sprague
DIMENSIONS AND AVAILABLE FORMS
Stud Mount Option for Large Can Capacitors (Special Order)
Note
• Not available on “DJ” case code, E diameters and ’P’ terminal option
DIMENSIONS in inches (millimeters)
STUD
CASE DIAMETER
R THREAD
HEIGHT P ± 0.039 (1.0)
A
M 8
0.472 (12.0)
B, C, D
M 12
0.630 (16.0)
EN/A
N/A
TERMINAL
CODE
THREAD
THREAD DEPTH
HEIGHT
J ± 0.032 (0.8)
DIAMETER
S ± 0.010 (0.25)
DIAMETER
T ± 0.010 (0.25)
NOTES
A
10-32 NF-28
0.219 (5.6)
0.063 (1.6)
0.313 (8.0)
0.438 (11.1)
All sizes
B
10-32 NF-28
0.375 (9.5)
0.250 (6.4)
0.313 (8.0)
0.438 (11.1)
All sizes
D
1/4-28 NF-28
0.344 (8.7)
0.093 (2.4)
0.688 (17.5)
-
C and D dia. codes only
I
M5
0.375 (9.5)
0.250 (6.4)
0.313 (8.0)
-
Type 602D, 622D only
N
M5
0.219 (5.6)
0.063 (1.6)
0.313 (8.0)
0.438 (11.1)
Type 36D only
T
M5
0.375(9.5)
0.250 (6.4)
0.313 (8.0)
0.438 (11.1)
Type 36D only


Similar Part No. - 36DA822F025AN2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36D VISHAY-36D Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D132G050AA2A VISHAY-36D132G050AA2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D272G025AA2A VISHAY-36D272G025AA2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D522G050AE2A VISHAY-36D522G050AE2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
36D552G025AB2A VISHAY-36D552G025AB2A Datasheet
173Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 27-Aug-08
More results

Similar Description - 36DA822F025AN2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com