Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z202T25K454DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Z202T25K454DB
Description  Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z202T25K454DB Datasheet(HTML) 2 Page - Vishay Siliconix

  Z202T25K454DB Datasheet HTML 1Page - Vishay Siliconix Z202T25K454DB Datasheet HTML 2Page - Vishay Siliconix Z202T25K454DB Datasheet HTML 3Page - Vishay Siliconix Z202T25K454DB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Z202
Vishay Foil Resistors
Ultra High Precision Z-Foil Miniature Resistor with
TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
and Tolerance to ± 0.01 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63131
2
Revision: 13-Nov-07
FIGURE 3 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 2 - ENVIRONMENTAL PERFORMANCE COMPARISON
MIL-PRF-55182
CHAR J
VISHAY Z202
MAXIMUM
ΔR
TYPICAL
ΔR
Test Group I
Thermal shock (5 x - 65 °C to + 150 °C)
± 0.2 %
± 0.01 % (100 ppm)
± 0.005 % (50 ppm)
Short time overload (6.25 x Pnom x 5 s)
± 0.2 %
± 0.01 % (100 ppm)
± 0.005 % (50 ppm)
Test Group II
Resistance temperature characteristic
± 25 ppm/°C
See table 1
± 0.05 ppm/°C
(0 °C to + 60 °C)
Low temperature storage
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Low temperature operation
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Terminal strength
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group III
DWV
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Resistance to soldering heat
± 0.1 %
± 0.01 % (100 ppm)
± 0.005 % (50 ppm)
Moisture resistance
± 0.4 %
± 0.05 % (500 ppm)
± 0.01 % (100 ppm)
Test Group IV
Shock
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Vibration
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group V
Life test at 0.125 W, 125 °C for 2000 h
± 0.5 %
± 0.025 % (250 ppm)
± 0.01 % (100 ppm)
Test Group Va
Life test at 0.25 W (2 x rated power), 70 °C for 2000 h
± 0.5 %
± 0.02 % (200 ppm)
± 0.01 % (100 ppm)
Test Group VI
High temperature exposure
± 2.0 %
± 0.1 % (1000 ppm)
± 0.05 % (500 ppm)


Similar Part No. - Z202T25K454DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z2022 ETC2-Z2022 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z2022U ETC2-Z2022U Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z2027 ETC2-Z2027 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z2027U ETC2-Z2027U Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z202A ETC2-Z202A Datasheet
131Kb / 4P
   METRAport 3A Folding Analog Multimeter
More results

Similar Description - Z202T25K454DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
Revision: 28-Jun-07
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com