Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20L15TSTRR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20L15TSTRR
Description  Schottky Rectifier, 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20L15TSTRR Datasheet(HTML) 1 Page - Vishay Siliconix

  20L15TSTRR Datasheet HTML 1Page - Vishay Siliconix 20L15TSTRR Datasheet HTML 2Page - Vishay Siliconix 20L15TSTRR Datasheet HTML 3Page - Vishay Siliconix 20L15TSTRR Datasheet HTML 4Page - Vishay Siliconix 20L15TSTRR Datasheet HTML 5Page - Vishay Siliconix 20L15TSTRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93954
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
1
Schottky Rectifier, 20 A
20L15TS
Vishay High Power Products
FEATURES
• 125 °C TJ operation (VR < 5 V)
• Single diode configuration
• Optimized for OR-ing applications
• Ultra low forward voltage drop
• Guard ring for enhanced ruggedness and long term
reliability
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Designed and qualified for Q101 level
DESCRIPTION
The Schottky rectifier module has been optimized for ultra
low forward voltage drop specifically for the OR-ing of
parallel power supplies. The proprietary barrier technology
allows for reliable operation up to 125 °C junction
temperature. Typical applications are in parallel switching
power supplies, converters, reverse battery protection, and
redundant power subsystems.
PRODUCT SUMMARY
IF(AV)
20 A
VR
15 V
IRM
600 mA at 100 °C
Base
cathode
D2PAK
N/C
Anode
1
3
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
20
A
VRRM
15
V
IFSM
tp = 5 µs sine
700
A
VF
19 Apk, TJ = 125 °C (typical)
0.25
V
TJ
Range
- 55 to 125
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
20L15TS
UNITS
Maximum DC reverse voltage
VR
TJ = 100 °C
15
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 85 °C, rectangular waveform
20
A
Maximum peak one cycle non-repetitive
surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
700
10 ms sine or 6 ms rect. pulse
330
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 6 mH
10
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


Similar Part No. - 20L15TSTRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20L15TSTRRPBF VISHAY-20L15TSTRRPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 20 A
Revision: 14-Aug-08
More results

Similar Description - 20L15TSTRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ045PBF VISHAY-VS-20TQ045PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 14-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
STPS20L15GPBF VISHAY-STPS20L15GPBF_10 Datasheet
105Kb / 6P
   Schottky Rectifier, 20 A
Revision: 16-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com