Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20CTQ040-1TRL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 20CTQ040-1TRL
Description  Schottky Rectifier, 2 x 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTQ040-1TRL Datasheet(HTML) 2 Page - Vishay Siliconix

  20CTQ040-1TRL Datasheet HTML 1Page - Vishay Siliconix 20CTQ040-1TRL Datasheet HTML 2Page - Vishay Siliconix 20CTQ040-1TRL Datasheet HTML 3Page - Vishay Siliconix 20CTQ040-1TRL Datasheet HTML 4Page - Vishay Siliconix 20CTQ040-1TRL Datasheet HTML 5Page - Vishay Siliconix 20CTQ040-1TRL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93952
2
Revision: 22-Aug-08
20CTQ...S/20CTQ...-1
Vishay High Power Products
Schottky Rectifier, 2 x 10 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
10 A
TJ = 25 °C
0.64
V
20 A
0.76
10 A
TJ = 125 °C
0.57
20 A
0.68
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
2
mA
TJ = 125 °C
15
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
900
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
3.25
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
1.63
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf
⋅ cm
(lbf
⋅ in)
maximum
12 (10)
Marking device
Case style D2PAK
20CTQ035S
20CTQ040S
20CTQ045S
Case style TO-262
20CTQ035-1
20CTQ040-1
20CTQ045-1


Similar Part No. - 20CTQ040-1TRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ040-1TRLPBF VISHAY-20CTQ040-1TRLPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
20CTQ040-1TRLPBF VISHAY-20CTQ040-1TRLPBF Datasheet
130Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
More results

Similar Description - 20CTQ040-1TRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com