Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL2512R0100FTA18 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL2512R0100FTA18
Description  Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL2512R0100FTA18 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL2512R0100FTA18 Datasheet HTML 1Page - Vishay Siliconix WSL2512R0100FTA18 Datasheet HTML 2Page - Vishay Siliconix WSL2512R0100FTA18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors, High Power (2 x Standard WSL),
Low Value (down to 0.001
Ω), Surface Mount
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 31057
8
Revision: 10-Nov-08
WSL...18 High Power
Vishay Dale
FEATURES
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers
• Proprietary processing technique produces
extremely low resistance values (down to
0.001
Ω)
• Specially selected and stabilized materials
allow for high power ratings (2 x standard WSL rating)
• All welded construction
• Solid metal Nickel-Chrome or Manganese-Copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Solderable terminations
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
• Lead (Pb)-free version is RoHS compliant
Note
• Part Marking: Value, Tolerance: due to resistor size limitations some resistors will be marked with only the resistance value
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e3
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
P70 °C
W
RESISTANCE RANGE
Ω
WEIGHT
(typical)
g/1000 pieces
± 0.5 %
± 1.0 %
WSL0603...18
0.20
0.015 - 0.1
0.015 - 0.1
1.9
WSL0805...18
0.25
0.01 - 0.2
0.01 - 0.2
4.8
WSL1206...18
0.5
0.006 - 0.2
0.001 - 0.2
16.2
WSL2010...18
1.0
0.004 - 0.5
0.001 - 0.5
38.9
WSL2512...18
2.0
0.003 - 0.02
0.001 - 0.02
63.6
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSL RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 275 for 1 m
Ω to 2.9 mΩ, ± 150 for 3 mΩ to 4.9 mΩ
± 110 for 5 m
Ω to 6.9 mΩ, ± 75 for 7 mΩ to 0.5 Ω
Operating Temperature Range
°C
- 65 to + 170
Maximum Working Voltage
V
(
P x R)1/2
GLOBAL MODEL
VALUE
TOLERANCE CODE
PACKAGING
SPECIAL
WSL0603
WSL0805
WSL1206
WSL2010
WSL2512
L = m
Ω*
D = ± 0.5 %
EA = Lead (Pb)-free, tape/reel
18 = “High Power”
R = Decimal
F = ± 1.0 %
EK = Lead (Pb)-free, bulk
option
5L000 = 0.005
Ω
J = ± 5.0 %
R0100 = 0.01
Ω
GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBERING: WSL25124L000FTA18 (PREFERRED PART NUMBERING FORMAT)
W
S
L
2
5
124
L0
00
F
T
A
1
8
HISTORICAL PART NUMBER EXAMPLE: WSL2512-18 0.004
Ω 1 % R86 (WILL CONTINUE TO BE ACCEPTED)
WSL2512-18
0.004
Ω
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING
CODE
* use “L” for resistance
values < 0.01
Ω
TA = Tin/lead, tape/reel (R86)
TG = Tin/lead, tape/reel (RT1)
BA = Tin/lead, bulk (B43)


Similar Part No. - WSL2512R0100FTA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0100FTA18 VISHAY-WSL2512R0100FTA18 Datasheet
83Kb / 3P
   Power Metal Strip Resistors, High Power
Revision: 08-Oct-13
WSL2512R0100FTA18 VISHAY-WSL2512R0100FTA18 Datasheet
148Kb / 4P
   Power Metal Strip짰 Resistors, High Power (2 x Standard WSL),
More results

Similar Description - WSL2512R0100FTA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com