Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20CTQ035STRL Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 20CTQ035STRL
Description  Schottky Rectifier, 2 x 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTQ035STRL Datasheet(HTML) 6 Page - Vishay Siliconix

  20CTQ035STRL Datasheet HTML 1Page - Vishay Siliconix 20CTQ035STRL Datasheet HTML 2Page - Vishay Siliconix 20CTQ035STRL Datasheet HTML 3Page - Vishay Siliconix 20CTQ035STRL Datasheet HTML 4Page - Vishay Siliconix 20CTQ035STRL Datasheet HTML 5Page - Vishay Siliconix 20CTQ035STRL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 20CTQ035STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ035STRLPBF VISHAY-20CTQ035STRLPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
20CTQ035STRLPBF VISHAY-20CTQ035STRLPBF Datasheet
130Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
More results

Similar Description - 20CTQ035STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com