Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32CTQ025 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 32CTQ025
Description  Schottky Rectifier, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

32CTQ025 Datasheet(HTML) 4 Page - Vishay Siliconix

  32CTQ025 Datasheet HTML 1Page - Vishay Siliconix 32CTQ025 Datasheet HTML 2Page - Vishay Siliconix 32CTQ025 Datasheet HTML 3Page - Vishay Siliconix 32CTQ025 Datasheet HTML 4Page - Vishay Siliconix 32CTQ025 Datasheet HTML 5Page - Vishay Siliconix 32CTQ025 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93324
4
Revision: 21-Aug-08
32CTQ...
Vishay High Power Products Schottky Rectifier, 2 x 15 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
80
025
IF(AV) - Average Forward Current (A)
100
130
120
160
150
90
110
140
20
15
10
5
DC
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
10
0
025
8
IF(AV) - Average Forward Current (A)
510
15
20
2
4
6
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
RMS limit
DC
1000
100
1000
tp - Square Wave Pulse Duration (µs)
100
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 32CTQ025

ManufacturerPart #DatasheetDescription
logo
International Rectifier
32CTQ025 IRF-32CTQ025 Datasheet
313Kb / 8P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
32CTQ025 ISC-32CTQ025 Datasheet
349Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
32CTQ025-1 VISHAY-32CTQ025-1 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
32CTQ025-1 VISHAY-32CTQ025-1 Datasheet
107Kb / 7P
   Schottky Rectifier
Revision: 21-Aug-08
32CTQ025-1 VISHAY-32CTQ025-1 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
More results

Similar Description - 32CTQ025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com