Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31DQ09GTR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 31DQ09GTR
Description  Schottky Rectifier, 3.3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

31DQ09GTR Datasheet(HTML) 1 Page - Vishay Siliconix

  31DQ09GTR Datasheet HTML 1Page - Vishay Siliconix 31DQ09GTR Datasheet HTML 2Page - Vishay Siliconix 31DQ09GTR Datasheet HTML 3Page - Vishay Siliconix 31DQ09GTR Datasheet HTML 4Page - Vishay Siliconix 31DQ09GTR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 93322
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Nov-08
1
Schottky Rectifier, 3.3 A
31DQ09G, 31DQ10G
Vishay High Power Products
FEATURES
• Low profile, axial leaded outline
• High frequency operation
• Very low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation
forenhanced mechanical strength and moisture resistance
• Guard
ring
for
enhanced
ruggedness
and
long
termreliability
• Lead (Pb)-free plating
• Designed and qualified for industrial level
DESCRIPTION
The 31DQ..G axial leaded Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
3.3 A
VR
90/100 V
C-16
Cathode
Anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.3
A
VRRM
90/100
V
IFSM
tp = 5 µs sine
370
A
VF
3 Apk, TJ = 25 °C
0.85
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
31DQ09G
31DQ10G
UNITS
Maximum DC reverse voltage
VR
90
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TC = 53.4 °C, rectangular waveform
3.3
A
Maximum peak one cycle
non-repetitive surge current, TJ = 25 °C
See fig. 6
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
370
10 ms sine or 6 ms rect. pulse
60
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, 18 µs square pulse
3.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.5
A


Similar Part No. - 31DQ09GTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31DQ09GTR VISHAY-31DQ09GTR Datasheet
115Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ09GTR-M3 VISHAY-31DQ09GTR-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results

Similar Description - 31DQ09GTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31DQ09G VISHAY-31DQ09G_12 Datasheet
115Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
31DQ03 VISHAY-31DQ03_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
31DQ05 VISHAY-31DQ05_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ04 VISHAY-VS-31DQ04 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ09G VISHAY-VS-31DQ09G Datasheet
113Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ10TR VISHAY-VS-31DQ10TR Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ09 VISHAY-31DQ09 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09 VISHAY-31DQ09_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ05 VISHAY-VS-31DQ05 Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com