Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30WQ06FN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 30WQ06FN
Description  Schottky Rectifier, 3.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30WQ06FN Datasheet(HTML) 4 Page - Vishay Siliconix

  30WQ06FN Datasheet HTML 1Page - Vishay Siliconix 30WQ06FN Datasheet HTML 2Page - Vishay Siliconix 30WQ06FN Datasheet HTML 3Page - Vishay Siliconix 30WQ06FN Datasheet HTML 4Page - Vishay Siliconix 30WQ06FN Datasheet HTML 5Page - Vishay Siliconix 30WQ06FN Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94199
4
Revision: 18-Apr-08
30WQ06FNPbF
Vishay High Power Products Schottky Rectifier, 3.5 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
110
155
IF(AV) - Average Forward Current (A)
1.5
3.5
5.0
4.0
2.5
0.5
2.0
1.0
0
3.0
4.5
150
145
140
135
130
125
120
115
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
0.5
1.0
1.5
2.0
2.5
3.0
IF(AV) - Average Forward Current (A)
13
5
4
2
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
10
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - 30WQ06FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30WQ06FN IRF-30WQ06FN Datasheet
70Kb / 6P
   SCHOTTKY RECTIFIER
30WQ06FN IRF-30WQ06FN Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 3.5 Amp
logo
Sangdest Microelectroni...
30WQ06FN SMC-30WQ06FN Datasheet
147Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
30WQ06FN SMCDIODE-30WQ06FN Datasheet
317Kb / 4P
   30WQ06FN SCHOTTKY RECTIFIER
Rev. B
logo
International Rectifier
30WQ06FNPBF IRF-30WQ06FNPBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 3.5 Amp
More results

Similar Description - 30WQ06FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30WQ04FNPBF VISHAY-30WQ04FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ03FNPBF VISHAY-30WQ03FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ10FNPBF VISHAY-VS-30WQ10FNPBF Datasheet
166Kb / 9P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FN-M3 VISHAY-30WQ03FN-M3 Datasheet
129Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ10FNPBF VISHAY-30WQ10FNPBF_11 Datasheet
156Kb / 8P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FNPBF VISHAY-30WQ03FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ10FNPBF VISHAY-30WQ10FNPBF Datasheet
104Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 13-Aug-08
30WQ04FNPBF VISHAY-30WQ04FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3 Datasheet
109Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 21-Aug-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com