Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30WQ10FNTRRPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30WQ10FNTRRPBF
Description  Schottky Rectifier, 3.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30WQ10FNTRRPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  30WQ10FNTRRPBF Datasheet HTML 1Page - Vishay Siliconix 30WQ10FNTRRPBF Datasheet HTML 2Page - Vishay Siliconix 30WQ10FNTRRPBF Datasheet HTML 3Page - Vishay Siliconix 30WQ10FNTRRPBF Datasheet HTML 4Page - Vishay Siliconix 30WQ10FNTRRPBF Datasheet HTML 5Page - Vishay Siliconix 30WQ10FNTRRPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94200
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
3
30WQ10FNPbF
Schottky Rectifier, 3.5 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
100
VFM - Forward Voltage Drop (V)
1.2
1.6
2.0
2.4
2.8
3.2
0.4
0.8
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.0001
0.001
0.01
0.1
1
10
VR - Reverse Voltage (V)
20
40
60
80
100
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
T
J = 75 °C
T
J = 50 °C
10
100
VR - Reverse Voltage (V)
20
40
60
80
100
0
T
J = 25 °C
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 30WQ10FNTRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30WQ10FNTRRPBF IRF-30WQ10FNTRRPBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30WQ10FNTRRPBF VISHAY-30WQ10FNTRRPBF Datasheet
156Kb / 8P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
More results

Similar Description - 30WQ10FNTRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30WQ04FNPBF VISHAY-30WQ04FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ06FNPBF VISHAY-30WQ06FNPBF Datasheet
108Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ03FNPBF VISHAY-30WQ03FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ10FNPBF VISHAY-VS-30WQ10FNPBF Datasheet
166Kb / 9P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FN-M3 VISHAY-30WQ03FN-M3 Datasheet
129Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ10FNPBF VISHAY-30WQ10FNPBF_11 Datasheet
156Kb / 8P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FNPBF VISHAY-30WQ03FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ04FNPBF VISHAY-30WQ04FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3 Datasheet
109Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 21-Aug-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com