Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16RIA20 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 16RIA20
Description  Medium Power Thyristors (Stud Version), 16 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16RIA20 Datasheet(HTML) 7 Page - Vishay Siliconix

  16RIA20 Datasheet HTML 1Page - Vishay Siliconix 16RIA20 Datasheet HTML 2Page - Vishay Siliconix 16RIA20 Datasheet HTML 3Page - Vishay Siliconix 16RIA20 Datasheet HTML 4Page - Vishay Siliconix 16RIA20 Datasheet HTML 5Page - Vishay Siliconix 16RIA20 Datasheet HTML 6Page - Vishay Siliconix 16RIA20 Datasheet HTML 7Page - Vishay Siliconix 16RIA20 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 93695
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 19-Sep-08
7
16RIA Series
Medium Power Thyristors
(Stud Version), 16 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current code
3
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
4
-
None = Stud base TO-208AA (TO-48) 1/4" 28UNF-2A
M = Stud base TO-208AA (TO-48) M6 x 1
5
-
Critical dV/dt:
None = 300 V/µs (standard value)
S90 = 1000 V/µs (special selection)
2
-
Essential part number
Device code
5
13
24
16
RIA
120
M
S90
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95333


Similar Part No. - 16RIA20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16RIA20 IRF-16RIA20 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA20M IRF-16RIA20M Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA20MS90 IRF-16RIA20MS90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA20S90 IRF-16RIA20S90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 16RIA20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com