Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31DQ05 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 31DQ05
Description  Schottky Rectifier, 3.3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

31DQ05 Datasheet(HTML) 3 Page - Vishay Siliconix

  31DQ05 Datasheet HTML 1Page - Vishay Siliconix 31DQ05 Datasheet HTML 2Page - Vishay Siliconix 31DQ05 Datasheet HTML 3Page - Vishay Siliconix 31DQ05 Datasheet HTML 4Page - Vishay Siliconix 31DQ05 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 93320
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Nov-08
3
31DQ05, 31DQ06
Schottky Rectifier, 3.3 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Allowable Lead Temperature vs.
Average Forward Current
Fig. 5 - Forward Power Loss Characteristics
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
Forward Voltage Drop - V
FM (V)
0.1
1
10
0
0.2
0.4
0.6
0.8
1
T = 150˚C
T = 125˚C
T = 25˚C
J
J
J
Reverse Voltage - V
R (V)
0.001
0.01
0.1
1
10
100
020
40
60
125˚C
25˚C
T = 150˚C
J
Reverse Voltage - V
R (V)
10
100
1000
040
80
120
160
T = 25˚C
J
Average Forward Current - IF
(AV) (A)
70
90
110
130
150
01
2
3
4
5
DC
see note (1)
Square wave (D = 0.50)
80% Rated Vr applied
Average Forward Current - IF
(AV) (A)
0
0.5
1
1.5
2
2.5
3
01
2
3
4
5
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75


Similar Part No. - 31DQ05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
31DQ05 IRF-31DQ05 Datasheet
56Kb / 5P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
31DQ05 NJSEMI-31DQ05 Datasheet
142Kb / 1P
   Schottky Rectifiers
logo
Vishay Siliconix
31DQ05 VISHAY-31DQ05 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
logo
SUNMATE electronic Co.,...
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
   3.0A Axial Leaded Schottky Barrier Rectifiers
logo
Vishay Siliconix
31DQ05-M3 VISHAY-31DQ05-M3 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results

Similar Description - 31DQ05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31DQ09G VISHAY-31DQ09G_12 Datasheet
115Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
31DQ03 VISHAY-31DQ03_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
31DQ05 VISHAY-31DQ05_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ04 VISHAY-VS-31DQ04 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ09G VISHAY-VS-31DQ09G Datasheet
113Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ10TR VISHAY-VS-31DQ10TR Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ09 VISHAY-31DQ09 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09G VISHAY-31DQ09G Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09 VISHAY-31DQ09_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ05 VISHAY-VS-31DQ05 Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com