Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16RIA10 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 16RIA10
Description  Medium Power Thyristors (Stud Version), 16 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16RIA10 Datasheet(HTML) 5 Page - Vishay Siliconix

  16RIA10 Datasheet HTML 1Page - Vishay Siliconix 16RIA10 Datasheet HTML 2Page - Vishay Siliconix 16RIA10 Datasheet HTML 3Page - Vishay Siliconix 16RIA10 Datasheet HTML 4Page - Vishay Siliconix 16RIA10 Datasheet HTML 5Page - Vishay Siliconix 16RIA10 Datasheet HTML 6Page - Vishay Siliconix 16RIA10 Datasheet HTML 7Page - Vishay Siliconix 16RIA10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 93695
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 19-Sep-08
5
16RIA Series
Medium Power Thyristors
(Stud Version), 16 A
Vishay High Power Products
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
4 K
/W
3 K
/W
2
K/W
10 K/W
7 K/W
5 K
/W
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
16RIA Series
T = 125°C
J
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
4 K
/W
3
K/W
2
K/W
10 K/W
7K
/W
5 K
/W
0
5
10
15
20
25
30
35
40
45
0
4
8
1216202428
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
16RIA Series
T = 125°C
J
140
160
180
200
220
240
260
280
300
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
16RIA Series
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
125
150
175
200
225
250
275
300
325
350
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
16RIA Series
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM


Similar Part No. - 16RIA10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16RIA10 IRF-16RIA10 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA100 IRF-16RIA100 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA100M IRF-16RIA100M Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA100MS90 IRF-16RIA100MS90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA100S90 IRF-16RIA100S90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 16RIA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com