Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT57C-1625ME4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # XT57C-1625ME4
Description  Quartz Crystals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT57C-1625ME4 Datasheet(HTML) 2 Page - Vishay Siliconix

  XT57C-1625ME4 Datasheet HTML 1Page - Vishay Siliconix XT57C-1625ME4 Datasheet HTML 2Page - Vishay Siliconix XT57C-1625ME4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions contact: frequency@vishay.com
Document Number: 35013
2
Revision: 18-Oct-07
XT57C
Vishay Dale
Quartz Crystals
GLOBAL PART NUMBERING
XT
9
S
2
0
A
N
A
4
0
M
MODEL NUMBER
LOAD
CAPACITANCE
PACKAGE
CODE
OPTIONS
FREQUENCY
XT9U = XT49U
XT9S = XT49S
XT9SL = XT49SL
XT9M = XT49M
XT9ML = XT49ML
XTU1 = XTUM1
18 = 18 pF
20 = 20 pF
NL = Series
to be specified by
customer
TAPE AND REEL
G = RF5
(XT9U, XT9S, XT9SL)
H = RF7
(XT9M, XT9ML)
BULK
A = B04
(all models)
NA = No
Additional
Options
RR = Extended
Temperature
of - 40 °C to + 85 °C
Contact factory for
all other options
4M = 4 MHz
40M = 40 MHz
100M = 100 MHz
12M288 = 12.288 MHz
M is used as
decimal place
holder in frequency
Example: XT49S-20 40M
X
T
26
T
T
A
3
2
K
76
8
MODEL NUMBER
OPERATING
TEMPERATURE
(OTR)
PACKAGE
CODE
FREQUENCY
XT26T = XT26T
XT38T = XT38T
T = - 10 °C to + 60 °C
BULK
A = B04
(all models)
32K768 = 32.768 kHz
K is used as decimal place holder
in frequency
Example: XT26T 32.768K
XT
5
7
2
0
A
4
0
M
MODEL NUMBER
LOAD
CAPACITANCE
PACKAGE
CODE
FREQUENCY
XT57 = XT57C
XT46 = XT46C
XT36 = XT36C
18 = 18 pF
20 = 20 pF
NL = Series
to be specified by
customer
TAPE AND REEL
H = RF7
BULK
A = B04
(all models)
4M = 4 MHz
40M = 40 MHz
100M = 100 MHz
12M288 = 12.288 MHz
M is used as
decimal place
holder in frequency
Example: XT57C-20 40M


Similar Part No. - XT57C-1625ME4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C-16 VISHAY-XT57C-16 Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
More results

Similar Description - XT57C-1625ME4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
   Quartz Crystals
Revision: 09-May-11
logo
ECS, Inc.
UM-1 ECS-UM-1 Datasheet
455Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23_V01 Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
XT35 VISHAY-XT35_V01 Datasheet
83Kb / 3P
   Quartz Crystals
01-Jan-2022
logo
List of Unclassifed Man...
HC49153020SR3RDBUT ETC2-HC49153020SR3RDBUT Datasheet
224Kb / 31P
   SPECIFYING QUARTZ CRYSTALS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com