Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16RIA60M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 16RIA60M
Description  Medium Power Thyristors (Stud Version), 16 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16RIA60M Datasheet(HTML) 3 Page - Vishay Siliconix

  16RIA60M Datasheet HTML 1Page - Vishay Siliconix 16RIA60M Datasheet HTML 2Page - Vishay Siliconix 16RIA60M Datasheet HTML 3Page - Vishay Siliconix 16RIA60M Datasheet HTML 4Page - Vishay Siliconix 16RIA60M Datasheet HTML 5Page - Vishay Siliconix 16RIA60M Datasheet HTML 6Page - Vishay Siliconix 16RIA60M Datasheet HTML 7Page - Vishay Siliconix 16RIA60M Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93695
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 19-Sep-08
3
16RIA Series
Medium Power Thyristors
(Stud Version), 16 A
Vishay High Power Products
Note
•tq = 10 µs up to 600 V, tq = 30 µs up to 1600 V available on special request
Note
(1) Available with: dV/dt = 1000 V/µs, to complete code add S90 i.e. 16RIA120S90
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum rate of rise
of turned-on current
VDRM ≤ 600 V
dI/dt
TJ = TJ maximum, VDM = Rated VDRM
Gate pulse = 20 V, 15
Ω, t
p = 6 µs, tr = 0.1 µs maximum
ITM = (2 x rated dI/dt) A
200
A/µs
VDRM ≤ 800 V
180
VDRM ≤ 1000 V
160
VDRM ≤ 1600 V
150
Typical turn-on time
tgt
TJ = 25 °C,
at rated VDRM/VRRM, TJ = 125 °C
0.9
µs
Typical reverse recovery time
trr
TJ = TJ maximum,
ITM = IT(AV), tp > 200 µs, dI/dt = - 10 A/µs
4
Typical turn-off time
tq
TJ = TJ maximum, ITM = IT(AV), tp > 200 µs, VR = 100 V,
dI/dt = - 10 A/µs, dV/dt = 20 V/µs linear to 67 % VDRM,
gate bias 0 V to 100 W
110
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise
of off-state voltage
dV/dt
TJ = TJ maximum linear to 100 % rated VDRM
100
V/µs
TJ = TJ maximum linear to 67 % rated VDRM
300 (1)
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum
1.5
A
Maximum peak negative gate voltage
-VGM
TJ = TJ maximum
10
V
DC gate current required to trigger
IGT
TJ = - 65 °C
Maximum required gate trigger
current/voltage are the lowest
value which will trigger all units
6 V anode to cathode applied
90
mA
TJ = 25 °C
60
TJ = 125 °C
35
DC gate voltage required to trigger
VGT
TJ = - 65 °C
3.0
V
TJ = 25 °C
2.0
TJ = 125 °C
1.0
DC gate current not to trigger
IGD
TJ = TJ maximum, VDRM = Rated value
2.0
mA
DC gate voltage not to trigger
VGD
TJ = TJ maximum,
VDRM = Rated value
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
0.2
V


Similar Part No. - 16RIA60M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16RIA60M IRF-16RIA60M Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
16RIA60MS90 IRF-16RIA60MS90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 16RIA60M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com