Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZMY22
Description  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY22 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZMY22 Datasheet HTML 1Page - Vishay Siliconix ZMY22 Datasheet HTML 2Page - Vishay Siliconix ZMY22 Datasheet HTML 3Page - Vishay Siliconix ZMY22 Datasheet HTML 4Page - Vishay Siliconix ZMY22 Datasheet HTML 5Page - Vishay Siliconix ZMY22 Datasheet HTML 6Page - Vishay Siliconix ZMY22 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85788
Rev. 1.7, 07-Aug-06
ZMY3V9 to ZMY100
Vishay Semiconductors
Electrical Characteristics
1) Valid provided that electrodes are kept at ambient temperature
2) Tested with pulses t
p = 5 ms
Partnumber
Zener Voltage (2)
Dynamic Resistance
Temperature
Coefficient of
Zener Voltage
Test
Current
Reverse Voltage
Admissible Zener
Current1)
VZ at IZT
rzj at IZT, f = 1 kHz
α
VZ at IZT
IZT
VR at
IR = 0.5 µA
IZ at
Tamb = 25 °C
V
Ω
10-4/°C
mA
V
mA
min
max
typ
min
max
ZMY3V9
3.7
4.1
7
4
- 7
2
100
-
203
ZMY4V3
4
4.6
7
4
- 7
3
100
-
182
ZMY4V7
4.4
5
7
4
- 7
4
100
-
165
ZMY5V1
4.8
5.4
5
2
- 6
5
100
0.7
150
ZMY5V6
5.2
6
2
1
- 3
5
100
1.5
135
ZMY6V2
5.8
6.6
2
1
- 1
6
100
2
128
ZMY6V8
6.4
7.2
2
1
0
7
100
3
110
ZMY7V5
7
7.9
2
1
0
7
100
5
100
ZMY8V2
7.7
8.7
2
1
3
8
100
6
89
ZMY9V1
8.5
9.6
4
2
3
8
50
7
82
ZMY10
9.4
10.6
4
2
5
9
50
7.5
74
ZMY11
10.4
11.6
7
3
5
10
50
8.5
66
ZMY12
11.4
12.7
7
3
5
10
50
9
60
ZMY13
12.4
14.1
9
4
5
10
50
10
55
ZMY15
13.8
15.8
9
4
5
10
50
11
49
ZMY16
15.3
17.1
10
5
7
11
25
12
44
ZMY18
16.8
19.1
11
5
7
11
25
14
40
ZMY20
18.8
21.2
12
6
7
11
25
15
36
ZMY22
20.8
23.3
13
7
7
11
25
17
34
ZMY24
22.8
25.6
14
8
7
12
25
18
29
ZMY27
25.1
28.9
15
9
7
12
25
20
27
ZMY30
28
32
20
10
7
12
25
22.5
25
ZMY33
31
35
20
11
7
12
25
25
22
ZMY36
34
38
60
25
7
12
10
27
20
ZMY39
37
41
60
30
8
12
10
29
18
ZMY43
40
46
80
35
8
13
10
32
17
ZMY47
44
50
80
40
8
13
10
35
15
ZMY51
48
54
100
45
8
13
10
38
14
ZMY56
52
60
100
50
8
13
10
42
13
ZMY62
58
66
130
60
8
13
10
47
11
ZMY68
64
72
130
65
8
13
10
51
10
ZMY75
70
79
160
70
8
13
10
56
9
ZMY82
77
88
160
80
8
13
10
61
8
ZMY91
85
96
250
120
9
13
5
68
7.5
ZMY100
94
106
250
130
9
13
5
75
7


Similar Part No. - ZMY22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY22 SEMTECH-ZMY22 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotec Semiconductor
ZMY22 DIOTEC-ZMY22 Datasheet
178Kb / 3P
   Surface Mount Silicon-Zener Diodes
ZMY22 DIOTEC-ZMY22 Datasheet
213Kb / 3P
   SMD Zener Diodes
logo
General Semiconductor
ZMY22 GE-ZMY22 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Vishay Siliconix
ZMY22 VISHAY-ZMY22 Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
More results

Similar Description - ZMY22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com