Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20CTH03-1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 20CTH03-1
Description  Hyperfast Rectifier, 2 x 10 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTH03-1 Datasheet(HTML) 7 Page - Vishay Siliconix

  20CTH03-1 Datasheet HTML 1Page - Vishay Siliconix 20CTH03-1 Datasheet HTML 2Page - Vishay Siliconix 20CTH03-1 Datasheet HTML 3Page - Vishay Siliconix 20CTH03-1 Datasheet HTML 4Page - Vishay Siliconix 20CTH03-1 Datasheet HTML 5Page - Vishay Siliconix 20CTH03-1 Datasheet HTML 6Page - Vishay Siliconix 20CTH03-1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 20CTH03-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTH03-1 IRF-20CTH03-1 Datasheet
225Kb / 9P
   Hyperfast Rectifier
20CTH03-1 IRF-20CTH03-1 Datasheet
210Kb / 9P
   Hyperfast Rectifier
20CTH03-1PBF IRF-20CTH03-1PBF Datasheet
210Kb / 9P
   Hyperfast Rectifier
logo
Vishay Siliconix
20CTH03-1PBF VISHAY-20CTH03-1PBF Datasheet
548Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 21Jul-08
20CTH03-1PBF VISHAY-20CTH03-1PBF Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 20CTH03-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03PBF VISHAY-20CTH03PBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 11-Sep-08
20CTH03SPBF VISHAY-20CTH03SPBF Datasheet
548Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 21Jul-08
20CTH03 VISHAY-20CTH03 Datasheet
135Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
30CTH03PBF VISHAY-30CTH03PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02PBF VISHAY-30CTH02PBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02S VISHAY-30CTH02S Datasheet
122Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 08-Sep-08
30CTH03 VISHAY-30CTH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
60CPH03PBF VISHAY-60CPH03PBF Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED PtTM
Revision: 21-Jul-08
30CTH02 VISHAY-30CTH02 Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 05-Sep-08
30CTH02SPBF VISHAY-30CTH02SPBF Datasheet
538Kb / 7P
   Hyperfast Rectifier,2 x 15 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com