Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z4KE180A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Z4KE180A
Description  Glass Passivated Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z4KE180A Datasheet(HTML) 3 Page - Vishay Siliconix

  Z4KE180A Datasheet HTML 1Page - Vishay Siliconix Z4KE180A Datasheet HTML 2Page - Vishay Siliconix Z4KE180A Datasheet HTML 3Page - Vishay Siliconix Z4KE180A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Z4KE100 thru Z4KE200A
Vishay General Semiconductor
Document Number: 88408
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
40
60
80
10
1
0.1
0.01
100
20
T
J = 100 °C
T
J = 25 °C
Percent of Rated Zener Voltage (%)
Figure 5. Typical Temperature Coefficients
Figure 6. Typical Zener Voltage
100
120
140
160
180
200
80
100
120
140
160
180
200
220
Tested at Rated I
ZT
VZ - Zener Voltage (V)
100
150
200
250
0.1
1
10
VZ - Zener Voltage (V)
DO-204AL (DO-41)
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)


Similar Part No. - Z4KE180A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
Z4KE180A GE-Z4KE180A Datasheet
41Kb / 2P
   GLASS PASSIVATED ZENER
More results

Similar Description - Z4KE180A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z4KE100A VISHAY-Z4KE100A_V01 Datasheet
93Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
Z4KE100A VISHAY-Z4KE100A Datasheet
87Kb / 5P
   Glass Passivated Power Voltage-Regulating Diodes
02-Oct-12
ZGL41-100A VISHAY-ZGL41-100A Datasheet
95Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Revision: 29-May-12
ZGL41-100 VISHAY-ZGL41-100 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Revision: 20-Oct-08
ZGL41-100A VISHAY-ZGL41-100A_V01 Datasheet
96Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com