Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10TTS08STRL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 10TTS08STRL
Description  Surface Mountable Phase Control SCR, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TTS08STRL Datasheet(HTML) 7 Page - Vishay Siliconix

  10TTS08STRL Datasheet HTML 1Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 2Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 3Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 4Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 5Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 6Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 10TTS08STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10TTS08STRL IRF-10TTS08STRL Datasheet
85Kb / 8P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
10TTS08STRL VISHAY-10TTS08STRL Datasheet
124Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 24-Apr-08
10TTS08STRLPBF VISHAY-10TTS08STRLPBF Datasheet
124Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 24-Apr-08
10TTS08STRLPBF VISHAY-10TTS08STRLPBF Datasheet
598Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 08-Jun-10
More results

Similar Description - 10TTS08STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
18-Jul-08
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 24-Apr-08
10TTS08SPBF VISHAY-10TTS08SPBF_10 Datasheet
598Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 08-Jun-10
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 16-Jul-10
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSS VISHAY-25TTSS Datasheet
146Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 20-Jun-08
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 06-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com