Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10TTS08PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 10TTS08PBF
Description  Phase Control SCR, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TTS08PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  10TTS08PBF Datasheet HTML 1Page - Vishay Siliconix 10TTS08PBF Datasheet HTML 2Page - Vishay Siliconix 10TTS08PBF Datasheet HTML 3Page - Vishay Siliconix 10TTS08PBF Datasheet HTML 4Page - Vishay Siliconix 10TTS08PBF Datasheet HTML 5Page - Vishay Siliconix 10TTS08PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94572
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 26-May-08
5
10TTS08PbF High Voltage Series
Phase Control SCR, 10 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating
2
-
Circuit configuration:
T = Single thyristor
T = TO-220AB
S = Converter grade
3
-
Package:
4
-
Type of silicon:
5
-
Voltage code x 100 = VRRM
6
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
6
10
T
T
S
08
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95222
Part marking information
http://www.vishay.com/doc?95225


Similar Part No. - 10TTS08PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10TTS08 IRF-10TTS08 Datasheet
81Kb / 7P
   PHASE CONTROL SCR
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
10TTS08 VISHAY-10TTS08 Datasheet
114Kb / 6P
   Phase Control SCR, 10 A
18-Jul-08
logo
International Rectifier
10TTS08S IRF-10TTS08S Datasheet
85Kb / 8P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
10TTS08S VISHAY-10TTS08S Datasheet
121Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 19-Jun-08
More results

Similar Description - 10TTS08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
16TTS VISHAY-16TTS Datasheet
125Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
10TTS08 VISHAY-10TTS08_V01 Datasheet
114Kb / 6P
   Phase Control SCR, 10 A
18-Jul-08
16TTS08PBF VISHAY-16TTS08PBF Datasheet
146Kb / 7P
   Phase Control SCR, 10 A
Revision: 15-Sep-08
16TTS08 VISHAY-16TTS08 Datasheet
142Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
18-Jul-08
10TTS08S VISHAY-10TTS08S Datasheet
121Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 19-Jun-08
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 24-Apr-08
10TTS08SPBF VISHAY-10TTS08SPBF_10 Datasheet
598Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 08-Jun-10
VS-10TTS08PBF VISHAY-VS-10TTS08PBF Datasheet
191Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 10 A
Revision: 23-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com