Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10BQ015PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 10BQ015PBF
Description  Schottky Rectifier, 1.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10BQ015PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  10BQ015PBF Datasheet HTML 1Page - Vishay Siliconix 10BQ015PBF Datasheet HTML 2Page - Vishay Siliconix 10BQ015PBF Datasheet HTML 3Page - Vishay Siliconix 10BQ015PBF Datasheet HTML 4Page - Vishay Siliconix 10BQ015PBF Datasheet HTML 5Page - Vishay Siliconix 10BQ015PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94110
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 04-Nov-08
5
10BQ015PbF
Schottky Rectifier, 1.0 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating
2
-
B = Single lead diode
3
-
Q = Schottky “Q” series
4
-
Voltage rating (015 = 15 V)
5
-
None = Box (1000 pieces)
TR = Tape and reel (3000 pieces)
6
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
6
10
B
Q
015
TR
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95017
Part marking information
http://www.vishay.com/doc?95029
Packaging information
http://www.vishay.com/doc?95034
SPICE model
http://www.vishay.com/doc?95355


Similar Part No. - 10BQ015PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ015PBF IRF-10BQ015PBF Datasheet
164Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10BQ015PBF VISHAY-10BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
More results

Similar Description - 10BQ015PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-1N5819 VISHAY-VS-1N5819 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Sep-11
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com