Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA16TA60CS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFA16TA60CS
Description  Ultrafast Soft Recovery Diode, 2 x 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA16TA60CS Datasheet(HTML) 6 Page - Vishay Siliconix

  HFA16TA60CS Datasheet HTML 1Page - Vishay Siliconix HFA16TA60CS Datasheet HTML 2Page - Vishay Siliconix HFA16TA60CS Datasheet HTML 3Page - Vishay Siliconix HFA16TA60CS Datasheet HTML 4Page - Vishay Siliconix HFA16TA60CS Datasheet HTML 5Page - Vishay Siliconix HFA16TA60CS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - HFA16TA60CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA16TA60CS IRF-HFA16TA60CS Datasheet
167Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA16TA60CSPBF VISHAY-HFA16TA60CSPBF Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 22-Oct-08
More results

Similar Description - HFA16TA60CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16PA120C VISHAY-HFA16PA120C Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 30-Jul-08
HFA16PA60C VISHAY-HFA16PA60C Datasheet
213Kb / 7P
   Ultrafast, Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
HFA16TA60C VISHAY-HFA16TA60C Datasheet
205Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
HFA16TA60CSPBF VISHAY-HFA16TA60CSPBF Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 22-Oct-08
HFA16PA120CPBF VISHAY-HFA16PA120CPBF Datasheet
131Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 25-Jul-08
HFA16TA60CPBF VISHAY-HFA16TA60CPBF Datasheet
207Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 25-Jul-08
HFA16PA60CPBF VISHAY-HFA16PA60CPBF Datasheet
215Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 25-Jul-08
HFA16PA120CPBF VISHAY-HFA16PA120CPBF_11 Datasheet
159Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
HFA16TA60CPBF VISHAY-HFA16TA60CPBF_11 Datasheet
212Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 24-May-11
VS-HFA16TA60C-M3 VISHAY-VS-HFA16TA60C-M3 Datasheet
200Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 02-Apr-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com