Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA16PB120 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFA16PB120
Description  Ultrafast Soft Recovery Diode, 16 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA16PB120 Datasheet(HTML) 6 Page - Vishay Siliconix

  HFA16PB120 Datasheet HTML 1Page - Vishay Siliconix HFA16PB120 Datasheet HTML 2Page - Vishay Siliconix HFA16PB120 Datasheet HTML 3Page - Vishay Siliconix HFA16PB120 Datasheet HTML 4Page - Vishay Siliconix HFA16PB120 Datasheet HTML 5Page - Vishay Siliconix HFA16PB120 Datasheet HTML 6Page - Vishay Siliconix HFA16PB120 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94057
6
Revision: 25-Jul-08
HFA16PB120PbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 16 A
ORDERING INFORMATION TABLE
1
-
HEXFRED® family
2
-
Process designator: A = Electron irradiated
B = Platinum diffused
3
-Current rating (16 = 16 A)
4
-Package outline (PB = TO-247, 2 pins)
5
-
Voltage rating (120 = 1200 V)
6
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
6
HF
A
16
PB
120 PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95253
Part marking information
http://www.vishay.com/doc?95255


Similar Part No. - HFA16PB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA16PB120 IRF-HFA16PB120 Datasheet
164Kb / 6P
   Ultrafast, Soft Recovery Diode HEXFRED
logo
Vishay Siliconix
HFA16PB120 VISHAY-HFA16PB120 Datasheet
169Kb / 7P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 30-Jul-08
logo
International Rectifier
HFA16PB120PBF IRF-HFA16PB120PBF Datasheet
176Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA16PB120PBF VISHAY-HFA16PB120PBF Datasheet
169Kb / 7P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 30-Jul-08
HFA16PB120PBF VISHAY-HFA16PB120PBF Datasheet
149Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 16 A
Revision: 23-May-11
More results

Similar Description - HFA16PB120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16TB120S VISHAY-HFA16TB120S Datasheet
161Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 22-Oct-08
HFA16TB120 VISHAY-HFA16TB120 Datasheet
169Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 30-Jul-08
HFA16PB120 VISHAY-HFA16PB120 Datasheet
169Kb / 7P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 30-Jul-08
HFA16TB120SPBF VISHAY-HFA16TB120SPBF Datasheet
164Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 22-Oct-08
HFA16TB120PBF VISHAY-HFA16TB120PBF Datasheet
162Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 25-Jul-08
VS-HFA16TB120S-M3 VISHAY-VS-HFA16TB120S-M3 Datasheet
166Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 27-Oct-17
VS-HFA16TB120-M3 VISHAY-VS-HFA16TB120-M3 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 23-Nov-17
VS-HFA16TB120HM3 VISHAY-VS-HFA16TB120HM3 Datasheet
150Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 28-Nov-14
VS-HFA16PB120-N3 VISHAY-VS-HFA16PB120-N3_V01 Datasheet
119Kb / 6P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 16 A
01-Jan-2022
VS-HFA16TB120SPBF VISHAY-VS-HFA16TB120SPBF_V01 Datasheet
125Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 16 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com