Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB16PA60C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HFB16PA60C
Description  Ultrafast Soft Recovery Diode, 2 x 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB16PA60C Datasheet(HTML) 2 Page - Vishay Siliconix

  HFB16PA60C Datasheet HTML 1Page - Vishay Siliconix HFB16PA60C Datasheet HTML 2Page - Vishay Siliconix HFB16PA60C Datasheet HTML 3Page - Vishay Siliconix HFB16PA60C Datasheet HTML 4Page - Vishay Siliconix HFB16PA60C Datasheet HTML 5Page - Vishay Siliconix HFB16PA60C Datasheet HTML 6Page - Vishay Siliconix HFB16PA60C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94056
2
Revision: 25-Jul-08
HFA16PA60CPbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 2 x 8 A
ELECTRICAL SPECIFICATIONS PER LEG (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Cathode to anode
breakdown voltage
VBR
IR = 100 µA
600
-
-
V
Maximum forward voltage
VFM
IF = 8.0 A
See fig. 1
-1.4
1.7
IF = 16 A
-
1.7
2.1
IF = 8.0 A, TJ = 125 °C
-
1.4
1.7
Maximum reverse
leakage current
IRM
VR = VR rated
See fig. 2
-0.3
5.0
µA
TJ = 125 °C, VR = 0.8 x VR rated
-
100
500
Junction capacitance
CT
VR = 200 V
See fig. 3
-
10
25
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH
DYNAMIC RECOVERY CHARACTERISTICS PER LEG (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
See fig. 5, 6 and 16
trr
IF = 1.0 A, dIF/dt = 200 A/µs, VR = 30 V
-
18
-
ns
trr1
TJ = 25 °C
IF = 8.0 A
dIF/dt = 200 A/µs
VR = 200 V
-37
55
trr2
TJ = 125 °C
-
55
90
Peak recovery current
See fig. 7 and 8
IRRM1
TJ = 25 °C
-
3.5
5.0
A
IRRM2
TJ = 125 °C
-
4.5
8.0
Reverse recovery charge
See fig. 9 and 10
Qrr1
TJ = 25 °C
-
65
138
nC
Qrr2
TJ = 125 °C
-
124
360
Peak rate of fall recovery
current during tb
See fig. 11 and 12
dI(rec)M/dt1
TJ = 25 °C
-
240
-
A/µs
dI(rec)M/dt2
TJ = 125 °C
-
210
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Lead temperature
Tlead
0.063" from case (1.6 mm) for 10 s
-
-
300
°C
Junction to case,
single leg conducting
RthJC
--
3.5
K/W
Junction to case,
both leg conducting
-
-
1.75
Thermal resistance,
junction to ambient
RthJA
Typical socket mount
-
-
40
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and greased
-
0.25
-
Weight
-6.0
-
g
-0.21-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style TO-247AC (JEDEC)
HFA16PA60C


Similar Part No. - HFB16PA60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB16PA60C IRF-HFB16PA60C Datasheet
166Kb / 6P
   Ultrafast, Soft Recovery Diode
HFB16PA60C IRF-HFB16PA60C Datasheet
257Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFB16PA60C VISHAY-HFB16PA60C Datasheet
213Kb / 7P
   Ultrafast, Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
HFB16PA60CPBF VISHAY-HFB16PA60CPBF Datasheet
213Kb / 7P
   Ultrafast, Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
More results

Similar Description - HFB16PA60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16PA120C VISHAY-HFA16PA120C Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 30-Jul-08
HFA16PA60C VISHAY-HFA16PA60C Datasheet
213Kb / 7P
   Ultrafast, Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
HFA16TA60C VISHAY-HFA16TA60C Datasheet
205Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 29-Jul-08
HFA16TA60CSPBF VISHAY-HFA16TA60CSPBF Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 22-Oct-08
HFA16PA120CPBF VISHAY-HFA16PA120CPBF Datasheet
131Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 25-Jul-08
HFA16TA60CPBF VISHAY-HFA16TA60CPBF Datasheet
207Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 25-Jul-08
HFA16TA60CS VISHAY-HFA16TA60CS Datasheet
192Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 22-Oct-08
HFA16PA120CPBF VISHAY-HFA16PA120CPBF_11 Datasheet
159Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
HFA16TA60CPBF VISHAY-HFA16TA60CPBF_11 Datasheet
212Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 24-May-11
VS-HFA16TA60C-M3 VISHAY-VS-HFA16TA60C-M3 Datasheet
200Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 02-Apr-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com