Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA15TB60 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFA15TB60
Description  Ultrafast Soft Recovery Diode, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA15TB60 Datasheet(HTML) 3 Page - Vishay Siliconix

  HFA15TB60 Datasheet HTML 1Page - Vishay Siliconix HFA15TB60 Datasheet HTML 2Page - Vishay Siliconix HFA15TB60 Datasheet HTML 3Page - Vishay Siliconix HFA15TB60 Datasheet HTML 4Page - Vishay Siliconix HFA15TB60 Datasheet HTML 5Page - Vishay Siliconix HFA15TB60 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93063
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 30-Jul-08
3
HFA15TB60/HFA15TB60-1
HEXFRED®
Ultrafast Soft Recovery Diode, 15 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop vs.
Instantaneous Forward Current
Fig. 2 - Typical Reverse Current vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1.0
2.4
1.2
1.4
VFM - Forward Voltage Drop (V)
100
1.8
2.2
2.0
1.6
0.01
0.1
1
10
100
0
VR - Reverse Voltage (V)
T
J = 125 °C
T
J = 25 °C
1000
100
600
500
300
10 000
T
J = 150 °C
400
200
10
100
10
100
1000
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal response)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
10
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - HFA15TB60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Thinki Semiconductor Co...
HFA15TB60 THINKISEMI-HFA15TB60 Datasheet
3Mb / 3P
   15Amperes,600Volts Single Hyper Fast Soft Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
HFA15TB60 ISC-HFA15TB60 Datasheet
316Kb / 2P
   Ultrafast Rectifier
logo
International Rectifier
HFA15TB60-1 IRF-HFA15TB60-1 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA15TB60-1 IRF-HFA15TB60-1 Datasheet
249Kb / 7P
   HEXFRED
More results

Similar Description - HFA15TB60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA15TB60SPBF VISHAY-HFA15TB60SPBF Datasheet
142Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 22-Oct-08
HFA15PB60PBF VISHAY-HFA15PB60PBF Datasheet
153Kb / 7P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 25-Jul-08
HFA15TB60S VISHAY-HFA15TB60S Datasheet
139Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 22-Oct-08
HFA15TB60PBF VISHAY-HFA15TB60PBF Datasheet
148Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 28-Jul-08
HFA15PB60 VISHAY-HFA15PB60 Datasheet
152Kb / 7P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 30-Jul-08
logo
Nell Semiconductor Co.,...
N-HFA15PB60 NELLSEMI-N-HFA15PB60 Datasheet
953Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 15 A
logo
Vishay Siliconix
VS-HFA15TB60S-M3 VISHAY-VS-HFA15TB60S-M3 Datasheet
241Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 15 A
Revision: 27-Oct-17
logo
Nell Semiconductor Co.,...
N-HFA15PB120 NELLSEMI-N-HFA15PB120 Datasheet
871Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 15 A
logo
Vishay Siliconix
VS-HFA15PB60-N3 VISHAY-VS-HFA15PB60-N3_V01 Datasheet
143Kb / 6P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 15 A
01-Jan-2022
VS-HFA15TB60-M3 VISHAY-VS-HFA15TB60-M3_V01 Datasheet
196Kb / 7P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 15 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com