Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB08TB120 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFB08TB120
Description  Ultrafast Soft Recovery Diode, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB08TB120 Datasheet(HTML) 4 Page - Vishay Siliconix

  HFB08TB120 Datasheet HTML 1Page - Vishay Siliconix HFB08TB120 Datasheet HTML 2Page - Vishay Siliconix HFB08TB120 Datasheet HTML 3Page - Vishay Siliconix HFB08TB120 Datasheet HTML 4Page - Vishay Siliconix HFB08TB120 Datasheet HTML 5Page - Vishay Siliconix HFB08TB120 Datasheet HTML 6Page - Vishay Siliconix HFB08TB120 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93042
4
Revision: 30-Jul-08
HFA08TB120
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 8 A
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 6 - Typical Recovery Current vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
160
120
20
100
1000
dIF/dt (A/µs)
40
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
140
100
60
I
F = 8 A
I
F = 4 A
80
20
16
0
100
1000
dIF/dt (A/µs)
8
I
F = 8 A
I
F = 4 A
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
4
12
1200
0
100
1000
dIF/dt (A/µs)
800
I
F = 8 A
I
F = 4 A
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
400
1000
600
200
1000
100
100
1000
dIF/dt (A/µs)
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
I
F = 8 A
I
F = 4 A
10


Similar Part No. - HFB08TB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB08TB120 IRF-HFB08TB120 Datasheet
130Kb / 7P
   Ultrafast, Soft Recovery Diode
HFB08TB120 IRF-HFB08TB120 Datasheet
163Kb / 7P
   ULTRAFAST, SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFB08TB120 VISHAY-HFB08TB120 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFB08TB120PBF VISHAY-HFB08TB120PBF Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
More results

Similar Description - HFB08TB120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08PB120 VISHAY-HFA08PB120 Datasheet
129Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08PB60PBF VISHAY-HFA08PB60PBF Datasheet
171Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFA08PB120PBF VISHAY-HFA08PB120PBF Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFA08PB60 VISHAY-HFA08PB60 Datasheet
162Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60 VISHAY-HFA08TB60 Datasheet
135Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60S VISHAY-HFA08TB60S Datasheet
136Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120S VISHAY-HFA08TB120S Datasheet
65Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08SD60SPBF VISHAY-HFA08SD60SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 29-Jul-08
HFA08TB60SPBF VISHAY-HFA08TB60SPBF Datasheet
138Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120SPBF VISHAY-HFA08TB120SPBF Datasheet
68Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com