Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSR5LFBA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSR5LFBA
Description  Power Metal Strip® Resistors, High Power (5 W), Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSR5LFBA Datasheet(HTML) 1 Page - Vishay Siliconix

  WSR5LFBA Datasheet HTML 1Page - Vishay Siliconix WSR5LFBA Datasheet HTML 2Page - Vishay Siliconix WSR5LFBA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors, High Power (5 W),
Low Value (down to 0.001
Ω), Surface Mount
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 31059
32
Revision: 12-Jul-07
WSR High Power
Vishay Dale
FEATURES
• Molded high temperature encapsulation
• Improved thermal management incorporated
into design
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instrumentation, power amplifiers
• Proprietary processing technique produces
extremely low resistance values (down to 0.001
Ω)
• All welded construction
• Solid metal Nickel-Chrome or Manganese-Copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Solderable terminations
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
• Lead (Pb)-free version is RoHS compliant
• Integral heat sink not utilized for resistance values less
than 0.0075
Ω
Note
(1) The WSR5 is rated at 5 W with terminal temperature maintained
≤ 120 °C
• Part Marking: DALE, Model, Value, Tolerance, Date Code
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e2
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C W
RESISTANCE RANGE
Ω
± 0.5 %
± 1 %
WSR5
4527
5.0 (1)
0.01 - 0.3
0.001 - 0.3
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSR5
Temperature Coefficient
ppm/°C
0.0075
Ω to 0.0099 Ω = ± 110
0.01
Ω to 0.3 Ω = ± 75
Dielectric Withstanding Voltage
VAC
> 500
Insulation Resistance
Ω
> 109
Operating Temperature Range
°C
- 65 to + 275
Maximum Working Voltage
V
(
P x R)1/2
Weight/1000 pieces
g
476
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
WSR5
L = m
Ω*
D = ± 0.5 %
EA = Lead (Pb)-free, tape/reel
(Dash Number)
R = Decimal
F = ± 1.0 %
EK = Lead (Pb)-free, bulk
(up to 2 digits)
5L000 = 0.005
Ω
J = ± 5.0 %
TA = Tin/lead, tape/reel (R86)
From 1 - 99 as
R0100 = 0.01
Ω
BA = Tin/lead, bulk (B43)
applicable
GLOBAL PART NUMBER INFORMATION
WSR5
0.01
Ω
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
WS
R
5
R
0
1
0
0
F
T
A
* use “L” for resistance
values < 0.01
Ω
NEW GLOBAL PART NUMBERING: WSR5R0100FTA (PREFERRED PART NUMBERING FORMAT)
HISTORICAL PART NUMBER EXAMPLE: WSR5 0.01
Ω 1 % R86 (WILL CONTINUE TO BE ACCEPTED)


Similar Part No. - WSR5LFBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSR5LFBA VISHAY-WSR5LFBA Datasheet
111Kb / 3P
   Power Metal Strip® Resistors, High Power (5 W), Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results

Similar Description - WSR5LFBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSR5 VISHAY-WSR5_09 Datasheet
111Kb / 3P
   Power Metal Strip® Resistors, High Power (5 W), Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSR5R1000FEA VISHAY-WSR5R1000FEA Datasheet
111Kb / 3P
   Power Metal Strip® Resistors, High Power (5 W), Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSR5R0150FEA VISHAY-WSR5R0150FEA Datasheet
111Kb / 3P
   Power Metal Strip® Resistors, High Power (5 W), Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com