Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA08SD60TR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFA08SD60TR
Description  Ultrafast Soft Recovery Diode, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA08SD60TR Datasheet(HTML) 6 Page - Vishay Siliconix

  HFA08SD60TR Datasheet HTML 1Page - Vishay Siliconix HFA08SD60TR Datasheet HTML 2Page - Vishay Siliconix HFA08SD60TR Datasheet HTML 3Page - Vishay Siliconix HFA08SD60TR Datasheet HTML 4Page - Vishay Siliconix HFA08SD60TR Datasheet HTML 5Page - Vishay Siliconix HFA08SD60TR Datasheet HTML 6Page - Vishay Siliconix HFA08SD60TR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94042
6
Revision: 29-Jul-08
HFA08SD60SPbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 8 A
ORDERING INFORMATION TABLE
1
- HEXFRED® family
2
- Electron irradiated
3
- Current rating (08 = 8 A)
4
- D-PAK
5
- Voltage rating (60 = 600 V)
6
- Suffix
S = D2PAK/D-PAK
TR = Tape and reel
TRL = Tape and reel left
TRR = Tape and reel right
8
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
67
HF
A
08
SD
60
S
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95016
Part marking information
http://www.vishay.com/doc?95059
Packaging information
http://www.vishay.com/doc?95033


Similar Part No. - HFA08SD60TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA08SD60S IRF-HFA08SD60S Datasheet
152Kb / 7P
   Ultrafast, Soft Recovery Diode
logo
Inchange Semiconductor ...
HFA08SD60S ISC-HFA08SD60S Datasheet
364Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
HFA08SD60S-M3 VISHAY-HFA08SD60S-M3 Datasheet
138Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 31-Mar-11
HFA08SD60SL-M3 VISHAY-HFA08SD60SL-M3 Datasheet
138Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 31-Mar-11
HFA08SD60SPBF VISHAY-HFA08SD60SPBF_13 Datasheet
143Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 14-Jun-11
More results

Similar Description - HFA08SD60TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08PB120 VISHAY-HFA08PB120 Datasheet
129Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08PB60PBF VISHAY-HFA08PB60PBF Datasheet
171Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFA08PB120PBF VISHAY-HFA08PB120PBF Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFA08PB60 VISHAY-HFA08PB60 Datasheet
162Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60 VISHAY-HFA08TB60 Datasheet
135Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60S VISHAY-HFA08TB60S Datasheet
136Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120S VISHAY-HFA08TB120S Datasheet
65Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120 VISHAY-HFA08TB120 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60SPBF VISHAY-HFA08TB60SPBF Datasheet
138Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120SPBF VISHAY-HFA08TB120SPBF Datasheet
68Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com