Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA08TA60CSPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFA08TA60CSPBF
Description  Ultrafast Soft Recovery Diode, 2 x 4 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA08TA60CSPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  HFA08TA60CSPBF Datasheet HTML 1Page - Vishay Siliconix HFA08TA60CSPBF Datasheet HTML 2Page - Vishay Siliconix HFA08TA60CSPBF Datasheet HTML 3Page - Vishay Siliconix HFA08TA60CSPBF Datasheet HTML 4Page - Vishay Siliconix HFA08TA60CSPBF Datasheet HTML 5Page - Vishay Siliconix HFA08TA60CSPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94596
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Oct-08
3
HFA08TA60CSPbF
HEXFRED®
Ultrafast Soft Recovery Diode,
2 x 4 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop vs.
Instantaneous Forward Current
Fig. 2 - Typical Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0
6
2
3
VFM - Forward Voltage Drop (V)
100
14
0.1
5
0.01
0.1
1
10
100
0
100
VR - Reverse Voltage (V)
T
J = 125 °C
T
J = 25 °C
1000
200
500
400
300
0.001
T
J = 150 °C
10
100
1
10
100
1000
1
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
10
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - HFA08TA60CSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
More results

Similar Description - HFA08TA60CSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08TA60CS VISHAY-HFA08TA60CS Datasheet
126Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 22-Oct-08
HFA08TA60C VISHAY-HFA08TA60C Datasheet
137Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 29-Jul-08
HFA08TA60CPBF VISHAY-HFA08TA60CPBF Datasheet
135Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 25-Jul-08
VS-HFA08TA60C-M3 VISHAY-VS-HFA08TA60C-M3 Datasheet
175Kb / 7P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 02-Aug-17
VS-HFA08TA60CS-M3 VISHAY-VS-HFA08TA60CS-M3 Datasheet
192Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 27-Oct-17
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
VS-HFA08TA60C-M3 VISHAY-VS-HFA08TA60C-M3_V01 Datasheet
192Kb / 7P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
01-Jan-2022
VS-HFA08TA60CPBF VISHAY-VS-HFA08TA60CPBF Datasheet
179Kb / 7P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 10-Jul-15
VS-HFA08TA60CSPBF VISHAY-VS-HFA08TA60CSPBF Datasheet
188Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 26-Feb-16
VS-HFA08TA60CS-M3 VISHAY-VS-HFA08TA60CS-M3_V01 Datasheet
198Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com