Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8TQ080STRL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8TQ080STRL
Description  Schottky Rectifier, 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8TQ080STRL Datasheet(HTML) 1 Page - Vishay Siliconix

  8TQ080STRL Datasheet HTML 1Page - Vishay Siliconix 8TQ080STRL Datasheet HTML 2Page - Vishay Siliconix 8TQ080STRL Datasheet HTML 3Page - Vishay Siliconix 8TQ080STRL Datasheet HTML 4Page - Vishay Siliconix 8TQ080STRL Datasheet HTML 5Page - Vishay Siliconix 8TQ080STRL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93525
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Aug-08
1
Schottky Rectifier, 8 A
8TQ...S Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
The 8TQ...S Schottky rectifier series has been optimized for
low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
8 A
VR
80/100 V
D2PAK
Anode
1
3
Base
cathode
2
N/C
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
8
A
VRRM
Range
80/100
V
IFSM
tp = 5 µs sine
850
A
VF
8 Apk, TJ = 125 °C
0.58
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
8TQ080S
8TQ100S
UNITS
Maximum DC reverse voltage
VR
80
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 157 °C, rectangular waveform
8
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
850
A
10 ms sine or 6 ms rect. pulse
230
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 0.50 A, L = 60 mH
7.50
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.50
A


Similar Part No. - 8TQ080STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8TQ080STRL IRF-8TQ080STRL Datasheet
215Kb / 7P
   SCHOTTKY RECTIFIER 8 Amp
8TQ080STRLPBF IRF-8TQ080STRLPBF Datasheet
215Kb / 7P
   SCHOTTKY RECTIFIER 8 Amp
logo
Vishay Siliconix
8TQ080STRLPBF VISHAY-8TQ080STRLPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 8 A
Revision: 26-May-08
8TQ080STRLPBF VISHAY-8TQ080STRLPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
More results

Similar Description - 8TQ080STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ060PBF VISHAY-8TQ060PBF_12 Datasheet
177Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
8TQ080GPBF VISHAY-8TQ080GPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 8 A
Revision: 11-Oct-11
8TQ100GSPBF VISHAY-8TQ100GSPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
8TQ100GPBF VISHAY-8TQ100GPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
80SQ030 VISHAY-80SQ030 Datasheet
106Kb / 6P
   Schottky Rectifier, 8 A
Revision: 07-Nov-08
8TQ080SPBF VISHAY-8TQ080SPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
8TQ100 VISHAY-8TQ100 Datasheet
121Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ100GS VISHAY-8TQ100GS Datasheet
108Kb / 6P
   Schottky Rectifier, 8 A
Revision: 18-Jun-08
8TQ080GSPBF VISHAY-8TQ080GSPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
VS-8TQPBF VISHAY-VS-8TQPBF Datasheet
178Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com