Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB08PB60 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFB08PB60
Description  Ultrafast Soft Recovery Diode, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB08PB60 Datasheet(HTML) 6 Page - Vishay Siliconix

  HFB08PB60 Datasheet HTML 1Page - Vishay Siliconix HFB08PB60 Datasheet HTML 2Page - Vishay Siliconix HFB08PB60 Datasheet HTML 3Page - Vishay Siliconix HFB08PB60 Datasheet HTML 4Page - Vishay Siliconix HFB08PB60 Datasheet HTML 5Page - Vishay Siliconix HFB08PB60 Datasheet HTML 6Page - Vishay Siliconix HFB08PB60 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94041
6
Revision: 25-Jul-08
HFA08PB60PbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 8 A
ORDERING INFORMATION TABLE
1
-
HEXFRED® family
2
-
Process designator: A = Electron irradiated
B = Platinum diffused
3
-
Current rating (08 = 8 A)
4
-
Package outline (PB = TO-247, 2 pins)
5
-
Voltage rating (60 = 600 V)
6
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
6
HF
A
08
PB
60
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95253
Part marking information
http://www.vishay.com/doc?95255


Similar Part No. - HFB08PB60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB08PB60 VISHAY-HFB08PB60 Datasheet
162Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFB08PB60PBF VISHAY-HFB08PB60PBF Datasheet
162Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
More results

Similar Description - HFB08PB60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08PB120 VISHAY-HFA08PB120 Datasheet
129Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08PB120PBF VISHAY-HFA08PB120PBF Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFA08PB60 VISHAY-HFA08PB60 Datasheet
162Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60 VISHAY-HFA08TB60 Datasheet
135Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60S VISHAY-HFA08TB60S Datasheet
136Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120S VISHAY-HFA08TB120S Datasheet
65Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08SD60SPBF VISHAY-HFA08SD60SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 29-Jul-08
HFA08TB120 VISHAY-HFA08TB120 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60SPBF VISHAY-HFA08TB60SPBF Datasheet
138Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120SPBF VISHAY-HFA08TB120SPBF Datasheet
68Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com