Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSLS2512LJHEA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLS2512LJHEA
Description  Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLS2512LJHEA Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLS2512LJHEA Datasheet HTML 1Page - Vishay Siliconix WSLS2512LJHEA Datasheet HTML 2Page - Vishay Siliconix WSLS2512LJHEA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSLS2512, Improved Stability
Improved Stability (0.25 % and 0.5 %),
Power Metal Strip® Resistors
Low Value (0.01
Ω to 0.1 Ω), Surface Mount
Vishay Dale
Document Number: 30123
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 06-Oct-08
13
DIMENSIONS
Note
• Embossed Carrier Tape per EIA-481-2
L
T
W
H
l
b
a
MODEL
DIMENSIONS in inches [millimeters]
L
WH
T
WSLS2512
0.250 ± 0.010 0.125 ± 0.010 0.025 ± 0.010 0.030 ± 0.010
[6.35 ± 0.254] [3.18 ± 0.254] [0.635 ± 0.254] [0.762 ± 0.254]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
l
WSLS2512
0.065
0.145
0.160
[1.65]
[3.68]
[4.06]
Derating
120
100
80
60
40
20
0
- 65
Ambient Temperature in °C
70
- 50
- 25
75
0
150
100
170
125
25
50
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
0.25 %
0.5 %
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.005
Ω) ΔR
Short Time Overload
5 x rated power for 5 s for WSL2512 size or smaller
± (0.5 % + 0.005
Ω) ΔR
Low Temperature Operation
- 65 °C for 45 min
± (0.5 % + 0.005
Ω) ΔR
High Temperature Exposure
1000 h at + 170 °C
± (1.0 % + 0.005
Ω) ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 h
± (0.5 % + 0.005
Ω) ΔR
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.005
Ω) ΔR
Vibration
Frequency varied 10 to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.005
Ω) ΔR
Load Life
2000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 0.25 %
ΔR
± 0.5 %
ΔR
Resistance to Solder Heat
+ 260 °C Solder, 10 to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.005
Ω) ΔR
Moisture Resistance
MIL-STD-202, Method 106, 0 % power, 7b not required
± (0.5 % + 0.005
Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSLS2512
12 mm/Embossed Plastic
178 mm/7"
2000
EA


Similar Part No. - WSLS2512LJHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLS2512 VISHAY-WSLS2512 Datasheet
94Kb / 3P
   Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
Revision: 05-Mar-14
WSLS2512R0200FHEB VISHAY-WSLS2512R0200FHEB Datasheet
94Kb / 3P
   Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
Revision: 05-Mar-14
WSLS2512 VISHAY-WSLS2512_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
Revision: 05-Mar-14
More results

Similar Description - WSLS2512LJHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLS2512R0200FHEB VISHAY-WSLS2512R0200FHEB Datasheet
94Kb / 3P
   Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
Revision: 05-Mar-14
WSLS2512 VISHAY-WSLS2512_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
Revision: 05-Mar-14
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
Revision: 07-Apr-17
WSL3921 VISHAY-WSL3921_07 Datasheet
265Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 29-Mar-07
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com