Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSR25L0000100DEA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSR25L0000100DEA
Description  Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSR25L0000100DEA Datasheet(HTML) 1 Page - Vishay Siliconix

  WSR25L0000100DEA Datasheet HTML 1Page - Vishay Siliconix WSR25L0000100DEA Datasheet HTML 2Page - Vishay Siliconix WSR25L0000100DEA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors,
Low Value (down to 0.001
Ω), Surface Mount
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30101
30
Revision: 26-Mar-07
WSR
Vishay Dale
FEATURES
• Molded high temperature encapsulation
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers
• Proprietary processing technique produces
extremely low resistance values (down to
0.001
Ω)
• All welded construction
• Solid metal Nickel-Chrome or Manganese-Copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Solderable terminations
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
• Lead (Pb)-free version is RoHS compliant
Note
(1) The WSR3 requires a minimum of 1050 sq. mil. circuit traces connecting to the recommended solder pad
• Part Marking: DALE, Model, Value, Tolerance, Date Code
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e2
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
RESISTANCE RANGE
Ω
± 0.5 %
± 1.0 %
WSR2
4527
2.0
0.01 - 1.0
0.001 - 1.0
WSR3
4527
3.0 (1)
0.01 - 0.2
0.001 - 0.2
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSR2 & WSR3
Temperature Coefficient
ppm/°C
0.005
Ω - 0.0099 Ω = ± 110
0.010
Ω - 1.0 Ω = ± 75
Dielectric Withstanding Voltage
VAC
> 500
Insulation Resistance
Ω
> 109
Operating Temperature Range
°C
- 65 to + 275
Maximum Working Voltage
V
(
P x R)1/2
Weight/1000 pieces (typical)
g
440
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
WSR2
WSR3
L = m
Ω*
D = ± 0.5 %
EA = Lead (Pb)-free, tape/reel
R = Decimal
F = ± 1.0 %
EK = Lead (Pb)-free, bulk
5L000 = 0.005
Ω
J = ± 5.0 %
TA = Tin/lead, tape/reel (R86)
R0100 = 0.01
Ω
BA = Tin/Lead, bulk (B43)
GLOBAL PART NUMBER INFORMATION
WSR2
0.005
Ω
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
SPECIAL
(Dash Number)
(up to 2 digits)
From 1 - 99 as
applicable
WS
R
2
5
L
0
0
0
F
T
A
* use “L” for resistance
values < 0.01
Ω
NEW GLOBAL PART NUMBERING: WSR25L000FTA (PREFERRED PART NUMBERING FORMAT)
HISTORICAL PART NUMBER EXAMPLE: WSR2 0.005
Ω 1 % R86 (WILL CONTINUE TO BE ACCEPTED)


Similar Part No. - WSR25L0000100DEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSR25L000DBA VISHAY-WSR25L000DBA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSR25L000DBA01 VISHAY-WSR25L000DBA01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR25L000DBA1 VISHAY-WSR25L000DBA1 Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSR25L000DBA2 VISHAY-WSR25L000DBA2 Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSR25L000DBA3 VISHAY-WSR25L000DBA3 Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results

Similar Description - WSR25L0000100DEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL3637 VISHAY-WSL3637_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com