Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA04TB60SPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # HFA04TB60SPBF
Description  Ultrafast Soft Recovery Diode, 4 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA04TB60SPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  HFA04TB60SPBF Datasheet HTML 1Page - Vishay Siliconix HFA04TB60SPBF Datasheet HTML 2Page - Vishay Siliconix HFA04TB60SPBF Datasheet HTML 3Page - Vishay Siliconix HFA04TB60SPBF Datasheet HTML 4Page - Vishay Siliconix HFA04TB60SPBF Datasheet HTML 5Page - Vishay Siliconix HFA04TB60SPBF Datasheet HTML 6Page - Vishay Siliconix HFA04TB60SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93033
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Oct-08
5
HFA04TB60S
HEXFRED®
Ultrafast Soft Recovery Diode, 4 A
Vishay High Power Products
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 µH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Similar Part No. - HFA04TB60SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA04TB60SPBF IRF-HFA04TB60SPBF Datasheet
240Kb / 7P
   ULTRAFAST, SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
More results

Similar Description - HFA04TB60SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04SD60SPBF VISHAY-HFA04SD60SPBF Datasheet
125Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 29-Jul-08
HFA04TB60 VISHAY-HFA04TB60 Datasheet
118Kb / 6P
   Ultrafast, Soft Recovery Diode, 4 A
Revision: 30-Jul-08
HFA04TB60PBF VISHAY-HFA04TB60PBF Datasheet
118Kb / 6P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 28-Jul-08
VS-HFA04TB60-M3 VISHAY-VS-HFA04TB60-M3_V01 Datasheet
169Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
VS-HFA04TB60S-M3 VISHAY-VS-HFA04TB60S-M3 Datasheet
164Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 25-Oct-17
VS-HFA04TB60PBF VISHAY-VS-HFA04TB60PBF_V01 Datasheet
142Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
08-Feb-17
VS-HFA04SD6-M3 VISHAY-VS-HFA04SD6-M3 Datasheet
144Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 12-Apr-18
VS-HFA04SD60S-M3 VISHAY-VS-HFA04SD60S-M3_V01 Datasheet
145Kb / 8P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
HFA04SD60SPBF VISHAY-HFA04SD60SPBF_11 Datasheet
139Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 14-Jun-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com