Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STY100NS20FD Datasheet(PDF) 7 Page - STMicroelectronics

Part # STY100NS20FD
Description  N-channel 200V - 0.022廓 - 100A - Max247 MESH OVERLAY??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY100NS20FD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STY100NS20FD_06 Datasheet HTML 3Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 4Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 5Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 6Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 7Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 8Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 9Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 10Page - STMicroelectronics STY100NS20FD_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STY100NS20FD
Electrical characteristics
7/12
Figure 7.
Gate charge vs gate-source voltage Figure 8.
Capacitance variations
Figure 9.
Normalized gate threshold voltage
vs temperature
Figure 10. Normalized on resistance vs
temperature
Figure 11. Source-drain diode forward
characteristics


Similar Part No. - STY100NS20FD_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
   N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY??Power MOSFET
More results

Similar Description - STY100NS20FD_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
   N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY??Power MOSFET
STE110NS20FD STMICROELECTRONICS-STE110NS20FD_06 Datasheet
242Kb / 12P
   N-channel 200V - 0.022廓 - 110A - ISOTOP MESH OVERLAY??Power MOSFET
IRF640T STMICROELECTRONICS-IRF640T Datasheet
247Kb / 12P
   N-channel 200V - 0.15廓 - 15A - TO-220 MESH OVERLAY??Power MOSFET
STY140NS10 STMICROELECTRONICS-STY140NS10 Datasheet
254Kb / 8P
   N-CHANNEL 100V - 0.009 ohm - 140A MAX247??MESH OVERLAY??POWER MOSFET
STE110NS20FD STMICROELECTRONICS-STE110NS20FD Datasheet
277Kb / 8P
   N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY??Power MOSFET
January 2002
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
   N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
STB19NF20 STMICROELECTRONICS-STB19NF20 Datasheet
535Kb / 16P
   N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
   N-channel 200V - 0.35廓 - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com