Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS17NH3LL_0710 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS17NH3LL_0710
Description  N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS17NH3LL_0710 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STS17NH3LL_0710 Datasheet HTML 3Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 4Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 5Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 6Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 7Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 8Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 9Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 10Page - STMicroelectronics STS17NH3LL_0710 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STS17NH3LL
Electrical characteristics
7/12
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10. Normalized gate threshold voltage
vs temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics


Similar Part No. - STS17NH3LL_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS17NH3LL STMICROELECTRONICS-STS17NH3LL_07 Datasheet
307Kb / 12P
   N-channel 30V - 0.004ohm - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
More results

Similar Description - STS17NH3LL_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS25NH3LL STMICROELECTRONICS-STS25NH3LL_07 Datasheet
311Kb / 11P
   N-channel 30 V - 0.0032 廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
   N-channel 30V - 0.0032廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STS17NH3LL STMICROELECTRONICS-STS17NH3LL_07 Datasheet
307Kb / 12P
   N-channel 30V - 0.004ohm - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
STS17NH3LL STMICROELECTRONICS-STS17NH3LL Datasheet
247Kb / 9P
   N-channel 30V - 0.004OHM - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
STS17NF3LL STMICROELECTRONICS-STS17NF3LL_06 Datasheet
321Kb / 12P
   N-channel 30V - 0.0045ohm - 17A - SO-8 STripFET II Power MOSFET for DC-DC conversion
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
   N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
June 2011 Rev 2
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
   N-channel 30 V, 0.005 廓, 14 A - SO-8 STripFET??V Power MOSFET
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL_05 Datasheet
456Kb / 11P
   N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
   N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET??III MOSFET FOR DC-DC CONVERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com