Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS12NF30L_0705 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS12NF30L_0705
Description  N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12NF30L_0705 Datasheet(HTML) 5 Page - STMicroelectronics

  STS12NF30L_0705 Datasheet HTML 1Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 2Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 3Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 4Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 5Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 6Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 7Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 8Page - STMicroelectronics STS12NF30L_0705 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STS12NF30L
Electrical characteristics
5/12
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=15 V, ID=6A,
RG=4.7Ω, VGS= 4.5V
(see Figure 12)
35
90
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
VDD = 15V, ID = 6A,
RG =4.7Ω, VGS = 4.5V
(see Figure 12)
80
35
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
fall time
cross-over time
VDD=24V, ID=12A,
RG=4.7Ω, VGS=4.5V
(see Figure 14)
35
35
80
ns
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
Source-drain current
12
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
48
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 12A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 12A, VDD = 15V
di/dt = 100A/µs,
Tj = 150°C
(see Figure 14)
114
456
8
ns
nC
A


Similar Part No. - STS12NF30L_0705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
More results

Similar Description - STS12NF30L_0705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
   P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
STP60NF03L STMICROELECTRONICS-STP60NF03L_06 Datasheet
257Kb / 12P
   N-channel 30V - 0.008廓 - 60A TO-220 STripFET??Power MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
   N-channel 30V - 0.0085廓 - 11A SO-8 Low gate charge STripFET??II Power MOSFET
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
   Dual N-channel 30V - 0.09廓 - 3A SO-8 STripFET??Power MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
   P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com