Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS9NF30L Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # STS9NF30L
Description  N-CHANNEL 30V - 0.015 W - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

STS9NF30L Datasheet(HTML) 8 Page - Advanced Analogic Technologies

  STS9NF30L Datasheet HTML 1Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 2Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 3Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 4Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 5Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 6Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 7Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STS9NF30L
8/8
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is registered trademark of STMicroelectronics
® 2001 STMicroelectronics - All Rights Reserved
All other names are the property of their respective owners.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - STS9NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
More results

Similar Description - STS9NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
   N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
   N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
   N-channel 30V - 0.0085廓 - 11A SO-8 Low gate charge STripFET??II Power MOSFET
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
   Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
269Kb / 8P
   DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
   N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com