Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKB00DC133X00K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALREKB00DC133X00K
Description  Aluminum Capacitors Radial Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKB00DC133X00K Datasheet(HTML) 4 Page - Vishay Siliconix

  MALREKB00DC133X00K Datasheet HTML 1Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 2Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 3Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 4Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 5Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 6Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 7Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 8Page - Vishay Siliconix MALREKB00DC133X00K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
301
EKB
Aluminum Capacitors
Radial Style
Vishay Roederstein
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(µF)
DIMENSIONS
DxL
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(Long Leads)
6.3
680
8 x 11.5
0.28
0.55
348
1.10
MALREKB00PB368B00K
1000
8 x 11.5
0.28
0.37
422
1.10
MALREKB00PB410B00K
3300
12.5 x 16
0.34
0.14
983
3.00
MALREKB00FD433B00K
4700
12.5 x 20
0.36
0.10
1219
4.00
MALREKB00FE447B00K
6800
12.5 x 25
0.40
0.08
1480
5.00
MALREKB00FG468B00K
10 000
16 x 25
0.46
0.06
1807
8.50
MALREKB00JG510B00K
15 000
16 x 35.5
0.56
0.05
2233
11.0
MALREKB00JL515B00K
22 000
18 x 40
0.70
0.04
2652
14.6
MALREKB00KK522B00K
10
150
5 x 11
0.24
2.12
134
0.45
MALREKB00AA315C00K
220
5 x 11
0.24
1.45
162
0.45
MALREKB00AA322C00K
330
6.3 x 11
0.24
0.96
228
0.46
MALREKB00BA333C00K
470
6.3 x 11
0.24
0.68
272
0.46
MALREKB00BA347C00K
1000
10 x 12.5
0.24
0.32
544
2.05
MALREKB00DC410C00K
1500
10 x 16
0.26
0.23
680
2.20
MALREKB00DD415C00K
2200
10 x 20
0.28
0.17
844
3.10
MALREKB00DE422C00K
3300
12.5 x 20
0.30
0.12
1148
4.00
MALREKB00FE433C00K
4700
12.5 x 25
0.32
0.09
1421
5.00
MALREKB00FG447C00K
6800
16 x 25
0.36
0.07
1737
8.50
MALREKB00JG468C00K
10 000
16 x 35.5
0.42
0.06
2172
11.0
MALREKB00JL510C00K
15 000
18 x 35.5
0.52
0.05
2482
14.0
MALREKB00KL515C00K
16
100
5 x 11
0.20
2.65
119
0.45
MALREKB00AA310D00K
220
6.3 x 11
0.20
1.21
203
0.46
MALREKB00BA322D00K
470
8 x 11.5
0.20
0.56
349
1.10
MALREKB00PB347D00K
680
10 x 12.5
0.20
0.39
488
2.05
MALREKB00DC368D00K
1000
10 x 16
0.20
0.27
648
2.20
MALREKB00DD410D00K
1500
12.5 x 16
0.22
0.19
862
3.00
MALREKB00FD415D00K
2200
12.5 x 20
0.24
0.14
1055
4.00
MALREKB00FE422D00K
3300
12.5 x 25
0.26
0.10
1323
5.00
MALREKB00FG433D00K
4700
16 x 25
0.28
0.08
1657
8.50
MALREKB00JG447D00K
6800
16 x 31.5
0.32
0.06
1982
10.0
MALREKB00JS468D00K
10 000
18 x 35.5
0.38
0.05
2409
14.0
MALREKB00KL510D00K
25
68
5 x 11
0.16
3.12
108
0.45
MALREKB00AA268E00K
150
6.3 x 11
0.16
1.41
185
0.46
MALREKB00BA315E00K
330
8 x 11.5
0.16
0.64
324
1.10
MALREKB00PB333E00K
470
10 x 12.5
0.16
0.45
449
2.05
MALREKB00DC347E00K
680
10 x 16
0.16
0.31
591
2.20
MALREKB00DD368E00K
1000
10 x 20
0.16
0.21
782
3.10
MALREKB00DE410E00K
1500
12.5 x 20
0.18
0.16
1017
4.00
MALREKB00FE415E00K
2200
12.5 x 25
0.20
0.12
1235
5.00
MALREKB00FG422E00K
3300
16 x 25
0.22
0.09
1562
8.50
MALREKB00JG433E00K
4700
16 x 31.5
0.24
0.07
1916
10.0
MALREKB00JS447E00K
6800
18 x 35.5
0.28
0.05
2335
14.0
MALREKB00KL468E00K


Similar Part No. - MALREKB00DC133X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKB00AA315C00K VISHAY-MALREKB00AA315C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00AA322C00K VISHAY-MALREKB00AA322C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FD433B00K VISHAY-MALREKB00FD433B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FE447B00K VISHAY-MALREKB00FE447B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FG468B00K VISHAY-MALREKB00FG468B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKB00DC133X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com